Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 184Page - STMicroelectronics ST72344K4 Datasheet HTML 185Page - STMicroelectronics ST72344K4 Datasheet HTML 186Page - STMicroelectronics ST72344K4 Datasheet HTML 187Page - STMicroelectronics ST72344K4 Datasheet HTML 188Page - STMicroelectronics ST72344K4 Datasheet HTML 189Page - STMicroelectronics ST72344K4 Datasheet HTML 190Page - STMicroelectronics ST72344K4 Datasheet HTML 191Page - STMicroelectronics ST72344K4 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
188/247
Doc ID 12321 Rev 6
Bits 3:0 = CH[3:0] Channel Selection
These bits are set and cleared by software. They select the analog input to convert.
Data register (ADCDRH)
Reset value: 0000 0000 (00h)
Bits 7:0 = D[9:2] MSB of Converted Analog Value
Data register (ADCDRL)
Reset value: 0000 0000 (00h)
Bits7:2 = Reserved. Forced by hardware to 0.
Bits 1:0 = D[1:0] LSB of Converted Analog Value
Table 73.
Channel selection
Channel pin(1)
1.
The number of channels is device dependent. Refer to the device pinout description.
CH3
CH2
CH1
CH0
AIN0
0
000
AIN1
0
001
AIN2
0
010
AIN3
0
011
AIN4
0
100
AIN5
0
101
Reserved
0
110
Reserved
0
111
AIN8
1
000
Reserved
1
001
AIN10
1
010
Reserved
1
011
AIN12
1
100
AIN13
1
101
AIN14
1
110
AIN15
1
111
7
0
D9
D8
D7
D6
D5
D4
D3
D2
Read Only
7
0
00
000
0
D1
D0
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com