Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K4 Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST72344K4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K4 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST72344K4 Datasheet HTML 219Page - STMicroelectronics ST72344K4 Datasheet HTML 220Page - STMicroelectronics ST72344K4 Datasheet HTML 221Page - STMicroelectronics ST72344K4 Datasheet HTML 222Page - STMicroelectronics ST72344K4 Datasheet HTML 223Page - STMicroelectronics ST72344K4 Datasheet HTML 224Page - STMicroelectronics ST72344K4 Datasheet HTML 225Page - STMicroelectronics ST72344K4 Datasheet HTML 226Page - STMicroelectronics ST72344K4 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 247 page
background image
ST72344xx, ST2345xx
Electrical characteristics
Doc ID 12321 Rev 6
223/247
Figure 115. RESET pin protection when LVD is enabled(1)(2)(3)(4)
1.
The reset network protects the device against parasitic resets.
- The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad.
Otherwise the device can be damaged when the ST7 generates an internal reset (LVD or watchdog).
- Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin
can go below the VIL max. level specified in Section 13.10.1. Otherwise the reset will not be taken into
account internally.
- Because the reset circuit is designed to allow the internal reset to be output in the RESET pin, the user
must ensure that the current sunk on the RESET pin is less than the absolute maximum value specified
for IINJ(RESET) in Table 85.
2.
When the LVD is enabled, it is recommended not to connect a pull-up resistor or capacitor. A 10nF pull-
down capacitor is required to filter noise on the reset line.
3.
In case a capacitive power supply is used, it is recommended to connect a 1M
Ω pull-down resistor to the
RESET pin to discharge any residual voltage induced by the capacitive effect of the power supply (this will
add 5µA to the power consumption of the MCU).
4.
Tips when using the LVD:
1. Check that all recommendations related to the reset circuit have been applied (see notes above)
2. Check that the power supply is properly decoupled (100nF + 10µF close to the MCU). Refer to AN1709
and AN2017. If this cannot be done, it is recommended to put a 100nF + 1M
Ω pull-down on the RESET
pin.
3. The capacitors connected on the RESET pin and also the power supply are key to avoid any startup
marginality. In most cases, steps 1 and 2 above are sufficient for a robust solution. Otherwise: replace
10nF pull-down on the RESET pin with a 5µF to 20µF capacitor.”
5.
Please refer to Section 12.2.1: Illegal opcode reset for more details on illegal opcode reset conditions.
Figure 116. RESET pin protection when LVD is disabled (1)
1.
The reset network protects the device against parasitic resets.
- The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad.
Otherwise the device can be damaged when the ST7 generates an internal reset (LVD or watchdog).
- Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin
can go below the VIL max. level specified in Section 13.10.1. Otherwise the reset will not be taken into
account internally.
- Because the reset circuit is designed to allow the internal reset to be output in the RESET pin, the user
must ensure that the current sunk on the RESET pin is less than the absolute maximum value specified
for IINJ(RESET) in Table 85.
2.
Please refer to Section 12.2.1: Illegal opcode reset for more details on illegal opcode reset conditions.
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
RESET
EXTERNAL
Required
1 M
Ω
Optional
(note 3)
WATCHDOG
LVD RESET
ILLEGAL OPCODE(5)
0.01 µF
EXTERNAL
RESET
CIRCUIT
USER
Required
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
WATCHDOG
ILLEGAL OPCODE(2)
0.01 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com