Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 48Page - STMicroelectronics STM32F078RB Datasheet HTML 49Page - STMicroelectronics STM32F078RB Datasheet HTML 50Page - STMicroelectronics STM32F078RB Datasheet HTML 51Page - STMicroelectronics STM32F078RB Datasheet HTML 52Page - STMicroelectronics STM32F078RB Datasheet HTML 53Page - STMicroelectronics STM32F078RB Datasheet HTML 54Page - STMicroelectronics STM32F078RB Datasheet HTML 55Page - STMicroelectronics STM32F078RB Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 120 page
background image
Electrical characteristics
STM32F078CB, STM32F078RB, STM32F078VB
52/120
DocID026006 Rev 4
6.3.3
Embedded reference voltage
The parameters given in Table 25 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 23: General operating
conditions
.
6.3.4
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 13: Current consumption
measurement scheme
.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to CoreMark code.
Table 24. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
20
∞
tVDDA
VDDA rise time rate
-
0
∞
VDDA fall time rate
20
∞
Table 25. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage –40 °C < TA < +105 °C
1.2
1.23
1.25
V
tSTART
ADC_IN17 buffer startup
time
--
-
10(1)
µs
tS_vrefint
ADC sampling time when
reading the internal
reference voltage
-
4(1)
1. Guaranteed by design, not tested in production.
--
µs
∆VREFINT
Internal reference voltage
spread over the
temperature range
VDDA = 3 V
-
-
10(1)
mV
TCoeff
Temperature coefficient
-
- 100(1)
-
100(1) ppm/°C
TVREFINT_RDY
(2)
2. Guaranteed by design, not tested in production. This parameter is the latency between the time when pin
NPOR is set to 1 by the application and the time when the VREFINTRDYF status bit is set to 1 by the
hardware.
Internal reference voltage
temporization
-
1.5
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com