Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 82Page - STMicroelectronics STM32F078RB Datasheet HTML 83Page - STMicroelectronics STM32F078RB Datasheet HTML 84Page - STMicroelectronics STM32F078RB Datasheet HTML 85Page - STMicroelectronics STM32F078RB Datasheet HTML 86Page - STMicroelectronics STM32F078RB Datasheet HTML 87Page - STMicroelectronics STM32F078RB Datasheet HTML 88Page - STMicroelectronics STM32F078RB Datasheet HTML 89Page - STMicroelectronics STM32F078RB Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
Electrical characteristics
STM32F078CB, STM32F078RB, STM32F078VB
86/120
DocID026006 Rev 4
6.3.17
Comparator characteristics
Table 59. Comparator characteristics
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
VDDA
Analog supply voltage
VREFINT scaler not in use
1.65
-3.6
V
VREFINT scaler in use
2
VIN
Comparator input
voltage range
-0
-
VDDA
-
VSC
VREFINT scaler offset
voltage
-
-
±5
±10
mV
tS_SC
VREFINT scaler startup
time from power down
First VREFINT scaler activation after device
power on
--
1000
(2)
ms
Next activations
-
-
0.2
tSTART
Comparator startup
time
Startup time to reach propagation delay
specification
--
60
µs
tD
Propagation delay for
200 mV step with
100 mV overdrive
Ultra-low power mode
-
2
4.5
µs
Low power mode
-
0.7
1.5
Medium power mode
-
0.3
0.6
High speed mode
VDDA ≥ 2.7 V
-
50
100
ns
VDDA < 2.7 V
-
100
240
Propagation delay for
full range step with
100 mV overdrive
Ultra-low power mode
-
2
7
µs
Low power mode
-
0.7
2.1
Medium power mode
-
0.3
1.2
High speed mode
VDDA ≥ 2.7 V
-
90
180
ns
VDDA < 2.7 V
-
110
300
Voffset
Comparator offset error
-
-
±4
±10
mV
dVoffset/dT
Offset error
temperature coefficient
--
18
-
µV/°C
IDD(COMP)
COMP current
consumption
Ultra-low power mode
-
1.2
1.5
µA
Low power mode
-
3
5
Medium power mode
-
10
15
High speed mode
-
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com