Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 70Page - STMicroelectronics STM32F078RB Datasheet HTML 71Page - STMicroelectronics STM32F078RB Datasheet HTML 72Page - STMicroelectronics STM32F078RB Datasheet HTML 73Page - STMicroelectronics STM32F078RB Datasheet HTML 74Page - STMicroelectronics STM32F078RB Datasheet HTML 75Page - STMicroelectronics STM32F078RB Datasheet HTML 76Page - STMicroelectronics STM32F078RB Datasheet HTML 77Page - STMicroelectronics STM32F078RB Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
Electrical characteristics
STM32F078CB, STM32F078RB, STM32F078VB
74/120
DocID026006 Rev 4
All I/Os are CMOS- and TTL-compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 21 for standard I/Os, and in Figure 22 for
5 V-tolerant I/Os. The following curves are design simulation results, not tested in
production.
Ilkg
Input leakage
current(2)
TC, FT and FTf I/O
TTa in digital mode
VSS ≤ VIN ≤ VDDIOx
--
± 0.1
µA
TTa in digital mode
VDDIOx ≤ VIN ≤ VDDA
--
1
TTa in analog mode
VSS ≤ VIN ≤ VDDA
--
± 0.2
FT and FTf I/O
VDDIOx ≤ VIN ≤ 5 V
--
10
RPU
Weak pull-up
equivalent resistor
(3)
VIN = VSS
25
40
55
kΩ
RPD
Weak pull-down
equivalent
resistor(3)
VIN = - VDDIOx
25
40
55
kΩ
CIO
I/O pin capacitance
-
-
5
-
pF
1. Data based on design simulation only. Not tested in production.
2. The leakage could be higher than the maximum value, if negative current is injected on adjacent pins. Refer to Table 49:
I/O current injection susceptibility
.
3. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).
Table 50. I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com