Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 11Page - STMicroelectronics STM32F078RB Datasheet HTML 12Page - STMicroelectronics STM32F078RB Datasheet HTML 13Page - STMicroelectronics STM32F078RB Datasheet HTML 14Page - STMicroelectronics STM32F078RB Datasheet HTML 15Page - STMicroelectronics STM32F078RB Datasheet HTML 16Page - STMicroelectronics STM32F078RB Datasheet HTML 17Page - STMicroelectronics STM32F078RB Datasheet HTML 18Page - STMicroelectronics STM32F078RB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 120 page
background image
DocID026006 Rev 4
15/120
STM32F078CB, STM32F078RB, STM32F078VB
Functional overview
27
•
Stop mode
Stop mode achieves very low power consumption while retaining the content of SRAM
and registers. All clocks in the 1.8 V domain are stopped, the PLL, the HSI RC and the
HSE crystal oscillators are disabled.
The device can be woken up from Stop mode by any of the EXTI lines. The EXTI line
source can be one of the 16 external lines, RTC, I2C1, USART1, USART2, USB,
COMPx, VDDIO2 supply comparator or the CEC.
The CEC, USART1, USART2 and I2C1 peripherals can be configured to enable the
HSI RC oscillator so as to get clock for processing incoming data.
Note:
The RTC, the IWDG, and the corresponding clock sources are not stopped by entering Stop
mode.
3.6
Clocks and startup
System clock selection is performed on startup, however the internal RC 8 MHz oscillator is
selected as default CPU clock on reset. An external 4-32 MHz clock can be selected, in
which case it is monitored for failure. If failure is detected, the system automatically switches
back to the internal RC oscillator. A software interrupt is generated if enabled. Similarly, full
interrupt management of the PLL clock entry is available when necessary (for example on
failure of an indirectly used external crystal, resonator or oscillator).
Several prescalers allow the application to configure the frequency of the AHB and the APB
domains. The maximum frequency of the AHB and the APB domains is 48 MHz.
Additionally, also the internal RC 48 MHz oscillator can be selected for system clock or PLL
input source. This oscillator can be automatically fine-trimmed by the means of the CRS
peripheral using the external synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com