Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 45Page - STMicroelectronics STM32F078RB Datasheet HTML 46Page - STMicroelectronics STM32F078RB Datasheet HTML 47Page - STMicroelectronics STM32F078RB Datasheet HTML 48Page - STMicroelectronics STM32F078RB Datasheet HTML 49Page - STMicroelectronics STM32F078RB Datasheet HTML 50Page - STMicroelectronics STM32F078RB Datasheet HTML 51Page - STMicroelectronics STM32F078RB Datasheet HTML 52Page - STMicroelectronics STM32F078RB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
DocID026006 Rev 4
49/120
STM32F078CB, STM32F078RB, STM32F078VB
Electrical characteristics
95
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 20: Voltage characteristics,
Table 21: Current characteristics
and Table 22: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 20. Voltage characteristics(1)
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage
−0.3
1.95
V
VDDIO2–VSS External I/O supply voltage
- 0.3
4.0
V
VDDA–VSS External analog supply voltage
- 0.3
4.0
V
VDD–VDDA Allowed voltage difference for VDD > VDDA
-0.4
V
VBAT–VSS External backup supply voltage
- 0.3
4.0
V
VIN(2)
2. VIN maximum must always be respected. Refer to Table 21: Current characteristicsfor the maximum
allowed injected current values.
Input voltage on FT and FTf pins
VSS −0.3
VDDIOx + 4.0 (3)
3. Valid only if the internal pull-up/pull-down resistors are disabled. If internal pull-up or pull-down resistor is
enabled, the maximum limit is 4 V.
V
Input voltage on POR pins
VSS −0.3
4.0
V
Input voltage on TTa pins
VSS −0.3
4.0
V
BOOT0
0
9.0
V
Input voltage on any other pin
VSS −0.3
4.0
V
|∆VDDx|
Variations between different VDD power pins
-
50
mV
|VSSx - VSS|
Variations between all the different ground
pins
-50
mV
VESD(HBM)
Electrostatic discharge voltage
(human body model)
see Section 6.3.11: Electrical
sensitivity characteristics
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com