Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 51Page - STMicroelectronics STM32F078RB Datasheet HTML 52Page - STMicroelectronics STM32F078RB Datasheet HTML 53Page - STMicroelectronics STM32F078RB Datasheet HTML 54Page - STMicroelectronics STM32F078RB Datasheet HTML 55Page - STMicroelectronics STM32F078RB Datasheet HTML 56Page - STMicroelectronics STM32F078RB Datasheet HTML 57Page - STMicroelectronics STM32F078RB Datasheet HTML 58Page - STMicroelectronics STM32F078RB Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 120 page
background image
DocID026006 Rev 4
55/120
STM32F078CB, STM32F078RB, STM32F078VB
Electrical characteristics
95
Table 27. Typical and maximum current consumption from the VDDA supply
Symbol
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from
Flash
memory
or RAM
HSI48
48 MHz
309
325
328
332
320
335
339
348
µA
HSE
bypass,
PLL on
48 MHz
151
169(3)
177
180(3)
163
181(3)
192
196(3)
32 MHz
103
119
124
126
112
127
133
135
24 MHz
81
95
98
100
87
100
105
107
HSE
bypass,
PLL off
8 MHz
1.6
2.8
3.0
3.3
2.1
3.2
3.4
3.9
1 MHz
1.6
2.8
3.0
3.3
2.0
3.2
3.4
3.9
HSI clock,
PLL on
48 MHz
217
238
249
253
238
259
272
278
32 MHz
170
189
197
200
187
205
214
218
24 MHz
146
164
170
173
162
178
186
189
HSI clock,
PLL off
8 MHz
67
76
79
80
77
86
89
90
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash memory or RAM. Furthermore, when the PLL is off, IDDA is independent from
the frequency.
2. Data based on characterization results, not tested in production unless otherwise specified.
3. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).
Table 28. Typical and maximum current consumption from the VBAT supply
Symbol
Parameter
Conditions
Typ @ VBAT
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_VBAT
RTC
domain
supply
current
LSE & RTC ON; “Xtal
mode”: lower driving
capability;
LSEDRV[1:0] = '00'
0.5
0.6
0.7
0.8
1.1
1.2
1.3
1.7
2.3
µA
LSE & RTC ON; “Xtal
mode” higher driving
capability;
LSEDRV[1:0] = '11'
0.8
0.9
1.1
1.2
1.4
1.6
1.7
2.1
2.8
1. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com