Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 55Page - STMicroelectronics STM32F078RB Datasheet HTML 56Page - STMicroelectronics STM32F078RB Datasheet HTML 57Page - STMicroelectronics STM32F078RB Datasheet HTML 58Page - STMicroelectronics STM32F078RB Datasheet HTML 59Page - STMicroelectronics STM32F078RB Datasheet HTML 60Page - STMicroelectronics STM32F078RB Datasheet HTML 61Page - STMicroelectronics STM32F078RB Datasheet HTML 62Page - STMicroelectronics STM32F078RB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
DocID026006 Rev 4
59/120
STM32F078CB, STM32F078RB, STM32F078VB
Electrical characteristics
95
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 32. The MCU is placed
under the following conditions:
•
All I/O pins are in analog mode
•
All peripherals are disabled unless otherwise mentioned
•
The given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
Ambient operating temperature and supply voltage conditions summarized in Table 20:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 32
. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 32. Peripheral current consumption
Peripheral
Typical consumption at 25 °C
Unit
AHB
BusMatrix(1)
2.2
µA/MHz
CRC
1.6
DMA
5.7
Flash memory interface
13.0
GPIOA
8.2
GPIOB
8.5
GPIOC
2.3
GPIOD
1.9
GPIOE
2.2
GPIOF
1.2
SRAM
0.9
TSC
5.0
All AHB peripherals
52.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com