Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F078RB Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32F078RB
Description  CRC calculation unit
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F078RB Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32F078RB Datasheet HTML 112Page - STMicroelectronics STM32F078RB Datasheet HTML 113Page - STMicroelectronics STM32F078RB Datasheet HTML 114Page - STMicroelectronics STM32F078RB Datasheet HTML 115Page - STMicroelectronics STM32F078RB Datasheet HTML 116Page - STMicroelectronics STM32F078RB Datasheet HTML 117Page - STMicroelectronics STM32F078RB Datasheet HTML 118Page - STMicroelectronics STM32F078RB Datasheet HTML 119Page - STMicroelectronics STM32F078RB Datasheet HTML 120Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 120 page
background image
Revision history
STM32F078CB, STM32F078RB, STM32F078VB
118/120
DocID026006 Rev 4
9
Revision history
Table 78. Document revision history
Date
Revision
Changes
03-Apr-2014
1
Internal
28-May-2014
2
Initial release
17-Dec-2015
3
Cover page:
– part numbers moved to title and table of part numbers
removed
– generic product name updated as STM32F078CB/RB/VB
Section 2: Description:
– Figure 1: Block diagram updated
Section 3: Functional overview:
– Figure 2: Clock tree updated
– Section 3.5.3: Low-power modes - added information on
peripherals configurable to operate with HSI
Section 4: Pinouts and pin descriptions:
– Package pinout figures updated (look and feel)
– Figure 8: WLCSP49 package pinout - now presented in
top view
Section 5: Memory mapping:
– Figure 9: STM32F078CB/RB/VB memory map updated
Section 6: Electrical characteristics
:
– Table 20: Voltage characteristics and Table 21: Current
characteristics updated
– Table 23: General operating conditions - added footnote for
VIN of TTa I/O
– Table 25: Embedded internal reference voltage: added
tSTART parameter and removed -40°-to-85° condition and
associated note for VREFINT
– Merger of tables 33 and 34 into Table 29: Typical current
consumption, code executing from Flash memory, running
from HSE 8 MHz crystal
– Table 38: HSI oscillator characteristics and Figure 18: HSI
oscillator accuracy characterization results for soldered
parts
updated
– Table 39: HSI14 oscillator characteristics: changed min
values for ACCHSI14, added test conditions
– Table 47: ESD absolute maximum ratings updated
– Table 50: I/O static characteristics - note removed
– Table 55: ADC characteristics - updated some parameter
values, test conditions and added footnotes (3) and (4)
– Table 58: DAC characteristics - IDDA max value (DAC DC
current consumption) updated
– Table 59: Comparator characteristics - min added for VDDA
– Figure 28: Maximum V
REFINT scaler startup time from
power down
added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com