Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 56Page - STMicroelectronics STM32L053 Datasheet HTML 57Page - STMicroelectronics STM32L053 Datasheet HTML 58Page - STMicroelectronics STM32L053 Datasheet HTML 59Page - STMicroelectronics STM32L053 Datasheet HTML 60Page - STMicroelectronics STM32L053 Datasheet HTML 61Page - STMicroelectronics STM32L053 Datasheet HTML 62Page - STMicroelectronics STM32L053 Datasheet HTML 63Page - STMicroelectronics STM32L053 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
Electrical characteristics
STM32L053x6 STM32L053x8
60/132
DocID025844 Rev 7
Table 28. Current consumption in Run mode, code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3, VCORE=1.2 V
VOS[1:0]=11
1 MHz
165
230
µA
2 MHz
290
360
4 MHz
555
630
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
4 MHz
0.665
0.74
mA
8 MHz
1.3
1.4
16 MHz
2.6
2.8
Range 1, VCORE=1.8 V,
VOS[1:0]=01
8 MHz
1.55
1.7
16 MHz
3.1
3.4
32 MHz
6.3
6.8
MSI clock
Range 3, VCORE=1.2 V,
VOS[1:0]=11
65 kHz
36.5
110
µA
524 kHz
99.5
190
4.2 MHz
620
700
HSI clock
Range 2, VCORE=1.5 V,
VOS[1:0]=10,
16 MHz
2.6
2.9
mA
Range 1, VCORE=1.8 V,
VOS[1:0]=01
32 MHz
6.25
7
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 29. Current consumption in Run mode vs code type,
code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(1)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
555
µA
CoreMark
585
Fibonacci
440
while(1)
355
while(1), prefetch
OFF
353
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
Dhrystone
32 MHz
6.3
mA
CoreMark
6.3
Fibonacci
6.55
while(1)
5.4
while(1), prefetch
OFF
5.2
1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com