Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 58Page - STMicroelectronics STM32L053 Datasheet HTML 59Page - STMicroelectronics STM32L053 Datasheet HTML 60Page - STMicroelectronics STM32L053 Datasheet HTML 61Page - STMicroelectronics STM32L053 Datasheet HTML 62Page - STMicroelectronics STM32L053 Datasheet HTML 63Page - STMicroelectronics STM32L053 Datasheet HTML 64Page - STMicroelectronics STM32L053 Datasheet HTML 65Page - STMicroelectronics STM32L053 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 132 page
background image
Electrical characteristics
STM32L053x6 STM32L053x8
62/132
DocID025844 Rev 7
Table 30. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched off
fHSE = fHCLK up to 16
MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
1 MHz
135
170
µA
2 MHz
240
270
4 MHz
450
480
Range 2,
VCORE=1.5 ,V,
VOS[1:0]=10
4 MHz
0.52
0.6
mA
8 MHz
1
1.2
16 MHz
2
2.3
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
8 MHz
1.25
1.4
16 MHz
2.45
2.8
32 MHz
5.1
5.4
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
34.5
75
µA
524 kHz
83
120
4.2 MHz
485
540
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
2.1
2.3
mA
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
5.1
5.6
1.
Guaranteed by characterization results
at 125 °C, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 31. Current consumption in Run mode vs code type,
code with data processing running from RAM(1)
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched off
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
450
µA
CoreMark
575
Fibonacci
370
while(1)
340
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
Dhrystone
32 MHz
5.1
mA
CoreMark
6.25
Fibonacci
4.4
while(1)
4.7
1.
Guaranteed by characterization results, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com