Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L053 Datasheet HTML 1Page - STMicroelectronics STM32L053 Datasheet HTML 2Page - STMicroelectronics STM32L053 Datasheet HTML 3Page - STMicroelectronics STM32L053 Datasheet HTML 4Page - STMicroelectronics STM32L053 Datasheet HTML 5Page - STMicroelectronics STM32L053 Datasheet HTML 6Page - STMicroelectronics STM32L053 Datasheet HTML 7Page - STMicroelectronics STM32L053 Datasheet HTML 8Page - STMicroelectronics STM32L053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
This is information on a product in full production.
October 2016
DocID025844 Rev 7
1/132
STM32L053C6 STM32L053C8
STM32L053R6 STM32L053R8
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M0+, up to 64KB
Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
Datasheet
- production data
Features
• Ultra-low-power platform
– 1.65 V to 3.6 V power supply
–
-40 to 125 °C temperature range
– 0.27 µA Standby mode (2 wakeup pins)
– 0.4 µA Stop mode (16 wakeup lines)
– 0.8 µA Stop mode + RTC + 8 KB RAM retention
– 88 µA/MHz in Run mode
– 3.5 µs wakeup time (from RAM)
– 5 µs wakeup time (from Flash memory)
• Core: ARM® 32-bit Cortex®-M0+ with MPU
– From 32 kHz up to 32 MHz max.
– 0.95 DMIPS/MHz
• Reset and supply management
– Ultra-safe, low-power BOR (brownout reset)
with 5 selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
• Clock sources
– 1 to 25 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– High speed internal 16 MHz factory-trimmed RC
(+/- 1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz RC
– PLL for CPU clock
• Pre-programmed bootloader
– USART, SPI supported
• Development support
– Serial wire debug supported
• Up to 51 fast I/Os (45 I/Os 5V tolerant)
• Memories
– Up to 64 KB Flash memory with ECC
–8KB RAM
– 2 KB of data EEPROM with ECC
– 20-byte backup register
– Sector protection against R/W operation
• LCD driver for up to 8×28segments
– Support contrast adjustment
– Support blinking mode
– Step-up converted on board
• Rich Analog peripherals
– 12-bit ADC 1.14 Msps up to 16 channels (down
to 1.65 V)
– 12-bit 1 channel DAC with output buffers (down
to 1.8 V)
– 2x ultra-low-power comparators (window mode
and wake up capability, down to 1.65 V)
• Up to 24 capacitive sensing channels supporting
touchkey, linear and rotary touch sensors
• 7-channel DMA controller, supporting ADC, SPI,
I2C, USART, DAC, Timers
• 8x peripheral communication interfaces
– 1x USB 2.0 crystal-less, battery charging
detection and LPM
– 2x USART (ISO 7816, IrDA), 1x UART (low
power)
– Up to 4x SPI 16 Mbits/s
– 2x I2C (SMBus/PMBus)
• 9x timers: 1x 16-bit with up to 4 channels, 2x 16-bit
with up to 2 channels, 1x 16-bit ultra-low-power
timer, 1x SysTick, 1x RTC, 1x 16-bit basic for DAC,
and 2x watchdogs (independent/window)
• CRC calculation unit, 96-bit unique ID
• True RNG and firewall protection
• All packages are ECOPACK®2
LQFP64 10x10 mm
LQFP48 7x7 mm
TFBGA64 5x5 mm
www.st.com


Similar Part No. - STM32L053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L053 STMICROELECTRONICS-STM32L053 Datasheet
3Mb / 26P
STM32 development boards
STM32L0538-DISCO STMICROELECTRONICS-STM32L0538-DISCO Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
June 2019
STM32L053C6 STMICROELECTRONICS-STM32L053C6_V01 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
June 2019
STM32L053C8 STMICROELECTRONICS-STM32L053C8 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
June 2019
More results

Similar Description - STM32L053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 184P
Reset and supply management
08-Dec-2015
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
Reset and supply management
09-Mar-2015
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com