Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 15Page - STMicroelectronics STM32L053 Datasheet HTML 16Page - STMicroelectronics STM32L053 Datasheet HTML 17Page - STMicroelectronics STM32L053 Datasheet HTML 18Page - STMicroelectronics STM32L053 Datasheet HTML 19Page - STMicroelectronics STM32L053 Datasheet HTML 20Page - STMicroelectronics STM32L053 Datasheet HTML 21Page - STMicroelectronics STM32L053 Datasheet HTML 22Page - STMicroelectronics STM32L053 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 132 page
background image
DocID025844 Rev 7
19/132
STM32L053x6 STM32L053x8
Functional overview
36
3.2
Interconnect matrix
Several peripherals are directly interconnected. This allows autonomous communication
between peripherals, thus saving CPU resources and power consumption. In addition,
these hardware connections allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep, Low-power
run, Low-power sleep and Stop modes.
Table 5. STM32L0xx peripherals interconnect matrix
Interconnect
source
Interconnect
destination
Interconnect action
Run Sleep
Low-
power
run
Low-
power
sleep
Stop
COMPx
TIM2,TIM21,
TIM22
Timer input channel,
trigger from analog
signals comparison
YY
Y
Y
-
LPTIM
Timer input channel,
trigger from analog
signals comparison
YY
Y
Y
Y
TIMx
TIMx
Timer triggered by other
timer
YY
Y
Y
-
RTC
TIM21
Timer triggered by Auto
wake-up
YY
Y
Y
-
LPTIM
Timer triggered by RTC
event
YY
Y
Y
Y
All clock
source
TIMx
Clock source used as
input channel for RC
measurement and
trimming
YY
Y
Y
-
USB
CRS/HSI48
the clock recovery
system trims the HSI48
based on USB SOF
YY
-
-
-
GPIO
TIMx
Timer input channel and
trigger
YY
Y
Y
-
LPTIM
Timer input channel and
trigger
YY
Y
Y
Y
ADC,DAC
Conversion trigger
Y
Y
Y
Y
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com