Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 5Page - STMicroelectronics STM32L053 Datasheet HTML 6Page - STMicroelectronics STM32L053 Datasheet HTML 7Page - STMicroelectronics STM32L053 Datasheet HTML 8Page - STMicroelectronics STM32L053 Datasheet HTML 9Page - STMicroelectronics STM32L053 Datasheet HTML 10Page - STMicroelectronics STM32L053 Datasheet HTML 11Page - STMicroelectronics STM32L053 Datasheet HTML 12Page - STMicroelectronics STM32L053 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
DocID025844 Rev 7
9/132
STM32L053x6 STM32L053x8
Introduction
36
1
Introduction
The ultra-low-power STM32L053x6/8 are offered in 3 different package types: from 48 pins
to 64 pins. Depending on the device chosen, different sets of peripherals are included, the
description below gives an overview of the complete range of peripherals proposed in this
family.
These features make the ultra-low-power STM32L053x6/8 microcontrollers suitable for a
wide range of applications:
•
Gas/water meters and industrial sensors
•
Healthcare and fitness equipment
•
Remote control and user interface
•
PC peripherals, gaming, GPS equipment
•
Alarm system, wired and wireless sensors, video intercom
This STM32L053x6/8 datasheet should be read in conjunction with the STM32L0x3xx
reference manual (RM0367).
For information on the ARM® Cortex®-M0+ core please refer to the Cortex®-M0+ Technical
Reference Manual, available from the www.arm.com website.
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com