Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 6Page - STMicroelectronics STM32L053 Datasheet HTML 7Page - STMicroelectronics STM32L053 Datasheet HTML 8Page - STMicroelectronics STM32L053 Datasheet HTML 9Page - STMicroelectronics STM32L053 Datasheet HTML 10Page - STMicroelectronics STM32L053 Datasheet HTML 11Page - STMicroelectronics STM32L053 Datasheet HTML 12Page - STMicroelectronics STM32L053 Datasheet HTML 13Page - STMicroelectronics STM32L053 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
Description
STM32L053x6 STM32L053x8
10/132
DocID025844 Rev 7
2
Description
The ultra-low-power STM32L053x6/8 microcontrollers incorporate the connectivity power of
the universal serial bus (USB 2.0 crystal-less) with the high-performance ARM® Cortex®-
M0+ 32-bit RISC core operating at a 32 MHz frequency, a memory protection unit (MPU),
high-speed embedded memories (up to 64 Kbytes of Flash program memory, 2 Kbytes of
data EEPROM and 8 Kbytes of RAM) plus an extensive range of enhanced I/Os and
peripherals.
The STM32L053x6/8 devices provide high power efficiency for a wide range of
performance. It is achieved with a large choice of internal and external clock sources, an
internal voltage adaptation and several low-power modes.
The STM32L053x6/8 devices offer several analog features, one 12-bit ADC with hardware
oversampling, one DAC, two ultra-low-power comparators, several timers, one low-power
timer (LPTIM), three general-purpose 16-bit timers and one basic timer, one RTC and one
SysTick which can be used as timebases. They also feature two watchdogs, one watchdog
with independent clock and window capability and one window watchdog based on bus
clock.
Moreover, the STM32L053x6/8 devices embed standard and advanced communication
interfaces: up to two I2C, two SPIs, one I2S, two USARTs, a low-power UART (LPUART),
and a crystal-less USB. The devices offer up to 24 capacitive sensing channels to simply
add touch sensing functionality to any application.
The STM32L053x6/8 also include a real-time clock and a set of backup registers that
remain powered in Standby mode.
Finally, their integrated LCD controller has a built-in LCD voltage generator that allows to
drive up to 8 multiplexed LCDs with contrast independent of the supply voltage.
The ultra-low-power STM32L053x6/8 devices operate from a 1.8 to 3.6 V power supply
(down to 1.65 V at power down) with BOR and from a 1.65 to 3.6 V power supply without
BOR option. They are available in the -40 to +125 °C temperature range. A comprehensive
set of power-saving modes allows the design of low-power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com