Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 25Page - STMicroelectronics STM32L053 Datasheet HTML 26Page - STMicroelectronics STM32L053 Datasheet HTML 27Page - STMicroelectronics STM32L053 Datasheet HTML 28Page - STMicroelectronics STM32L053 Datasheet HTML 29Page - STMicroelectronics STM32L053 Datasheet HTML 30Page - STMicroelectronics STM32L053 Datasheet HTML 31Page - STMicroelectronics STM32L053 Datasheet HTML 32Page - STMicroelectronics STM32L053 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
DocID025844 Rev 7
29/132
STM32L053x6 STM32L053x8
Functional overview
36
3.13.2
VLCD voltage monitoring
This embedded hardware feature allows the application to measure the VLCD supply voltage
using the internal ADC channel ADC_IN16. As the VLCD voltage may be higher than VDDA,
and thus outside the ADC input range, the ADC input is connected to LCD_VLCD2 (which
provides 1/3VLCD when the LCD is configured 1/3Bias and 1/4VLCD when the LCD is
configured 1/4Bias or 1/2Bias).
3.14
Digital-to-analog converter (DAC)
One 12-bit buffered DAC can be used to convert digital signal into analog voltage signal
output. An optional amplifier can be used to reduce the output signal impedance.
This digital Interface supports the following features:
•
One data holding register
•
Left or right data alignment in 12-bit mode
•
Synchronized update capability
•
Noise-wave generation
•
Triangular-wave generation
•
DMA capability (including the underrun interrupt)
•
External triggers for conversion
•
Input reference voltage VREF+
Four DAC trigger inputs are used in the STM32L053x6/8. The DAC channel is triggered
through the timer update outputs that are also connected to different DMA channels.
3.15
Ultra-low-power comparators and reference voltage
The STM32L053x6/8 embed two comparators sharing the same current bias and reference
voltage. The reference voltage can be internal or external (coming from an I/O).
•
One comparator with ultra low consumption
•
One comparator with rail-to-rail inputs, fast or slow mode.
•
The threshold can be one of the following:
–
DAC output
–
External I/O pins
–
Internal reference voltage (VREFINT)
–
submultiple of Internal reference voltage(1/4, 1/2, 3/4) for the rail to rail
comparator.
Both comparators can wake up the devices from Stop mode, and be combined into a
window comparator.
The internal reference voltage is available externally via a low-power / low-current output
buffer (driving current capability of 1 µA typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com