Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMHT Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASTMHT
Description  High temperature applications for Industrial, medical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMHT Datasheet(HTML) 4 Page - Abracon Corporation

  ASTMHT Datasheet HTML 1Page - Abracon Corporation ASTMHT Datasheet HTML 2Page - Abracon Corporation ASTMHT Datasheet HTML 3Page - Abracon Corporation ASTMHT Datasheet HTML 4Page - Abracon Corporation ASTMHT Datasheet HTML 5Page - Abracon Corporation ASTMHT Datasheet HTML 6Page - Abracon Corporation ASTMHT Datasheet HTML 7Page - Abracon Corporation ASTMHT Datasheet HTML 8Page - Abracon Corporation ASTMHT Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Revised: 06.17.2016
LLC
PART IDENTIFICATION:
ASTMHT - -
MHz-
-
-
Packaging
Blank: Bulk
T: Tape & Reel
(1kpcs / reel)
T3: Tape & Reel
(3kpcs / reel)
Package Size
A: 2.0x1.6mm
D: 2.5x2.0mm
E: 3.2x2.5mm
FL: 5.0x3.2mm
V: 7.0x5.0mm
Operating Temp.
X: -40°C ~ +105°C
A: -40°C ~ +125°C
Z: -55°C ~ +125°C
Output Frequency
in MHz
e.g. 7.3728,
125.000
Freq. Stability
J: ±20ppm
R: ±25 ppm
K: ±30ppm
C: ±50 ppm
Supply Voltage
Blank: 2.25V~3.63V
18: 1.8V±10%
25: 2.5V±10%
28: 2.8V±10%
30: 3.0V±10%
33: 3.3V±10%
Output Drive Strength*
Blank: Default
L**
A**
R
B
T
E
U
F
* See Table 1 to 5 for the Rise/Fall times at
different drive strength and available options
** Only available for F=1MHz~110MHz
Pin 1 Function
E: Output Enable
S: Standby
N: No Connect
List of Supported Frequency Ranges (MHz)
-40°C~+105°C/-40°C~+125°C
-55°C~+125°C
Min
Max
Min
Max
1.000000
61.222999
1.000000
61.222999
61.974001
69.795999
61.674001
69.239999
70.485001
79.062999
70.827001
78.714999
79.162001
81.427999
79.561001
80.159999
82.232001
91.833999
80.174001
80.779999
92.155001
94.248999
82.632001
91.833999
94.430001
94.874999
95.474001
96.191999
94.994001
97.713999
96.209001
96.935999
98.679001
110.000000
99.158001
110.000000
115.194001
117.810999
119.342001
120.238999
118.038001
118.593999
120.262001
121.169999
118.743001
122.141999
121.243001
121.600999
122.705001
123.021999
123.948001
137.000000
123.348001
137.000000
ASTMHT
ASTMHT
High Temperature, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com