Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMHT Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTMHT
Description  High temperature applications for Industrial, medical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMHT Datasheet(HTML) 1 Page - Abracon Corporation

  ASTMHT Datasheet HTML 1Page - Abracon Corporation ASTMHT Datasheet HTML 2Page - Abracon Corporation ASTMHT Datasheet HTML 3Page - Abracon Corporation ASTMHT Datasheet HTML 4Page - Abracon Corporation ASTMHT Datasheet HTML 5Page - Abracon Corporation ASTMHT Datasheet HTML 6Page - Abracon Corporation ASTMHT Datasheet HTML 7Page - Abracon Corporation ASTMHT Datasheet HTML 8Page - Abracon Corporation ASTMHT Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ASTMHT
ASTMHT
APPLICATIONS:
FEATURES:
High Temperature, Programmable SMD MEMS Oscillator
STANDARD SPECIFICATIONS:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Moisture Sensitivity Level (MSL) – 1
Pb RoHS/RoHS II compliant
ESD Sensitive
Revised: 06.17.2016
LLC
• Industry standard package sizes: 2.0 x 1.6 x 0.75mm, 2.5 x 2.0 x 0.75mm,
3.2 x 2.5 x 0.75mm, 5 x 3.2 x 0.75mm, 7.0 x 5.0 x 0.9mm
• Output frequency between 1MHz and 137MHz
• Supply voltage options: 3.3V, 3.0V, 2.8V, 2.5V, 1.8V, 2.25V ~ 3.63V
• Low current consumption: 3.5mA typ. (@20MHz, 1.8V, no load);
4.9mA typ. (@125MHz, 1.8V, no load)
• Wide operating temperature range options: -40 ~ +105°C; -40 ~+125°C;
-55 ~ +125°C
• Frequency stability options: ±20ppm, ±25ppm, ±30ppm, ±50ppm
• Factory programmable drive strength for improved jitter, reduced EMI or higher
capacitive output load
• High temperature applications for Industrial, medical,
non-automotive and avionics
• Harsh environment (vibration, shock-prone and humid)
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
All electrical specifications are specified with 15pF output load and for all Vdd(s) unless otherwise stated. The typical value of any
parameter in the table is specified for the nominal value of the highest voltage option for that parameter and at 25°C temperature.
Parameters
Min
Typ
Max
Unit
Notes
Output Frequency Range (F)
1.000000
110.000000
MHz
Available with operation temp.
range option “X”, “A” and “Z”
115.194001
119.342000
Available with operation temp.
range option “X” and “A”
119.342001
137.000000
Available with operation temp.
range option “X”, “A” and “Z”
Standard Frequencies
See Section 1.1 for Standard Frequencies
MHz
Frequency Stability (Fstab)
-20
+20
ppm
Inclusive of initial tolerance at 25°C,
1st year aging at 25°C, and variations
over operating temperature, rated
power supply voltage and load
(15pF±10%)
-25
+25
-30
+30
-50
+50
Operating Temperature Range (Tuse)
-40
+105
°C
Option “X”
-40
+125
Option “A”
-55
+125
Option “Z”
Supply Voltage (Vdd)
1.62
1.8
1.98
V
Option “18”
2.25
2.5
2.75
Option “25”
2.52
2.8
3.08
Option “28”
2.7
3.0
3.3
Option “30”
2.97
3.3
3.63
Option “33”
2.25
3.63
Option “Blank” (default)
Current Consumption ( Idd )
3.8
4.7
mA
No load, F=20MHz,
Vdd=2.8V,3.0V,3.3V
3.6
4.5
No load, F=20MHz, Vdd=2.5V
3.5
4.5
No load, F=20MHz, Vdd=1.8V
6.2
8
No load, F=125MHz,
Vdd=2.8V,3.0V,3.3V
5.4
7
No load, F=125MHz, Vdd=2.5V
4.9
6
No load, F=125MHz, Vdd=1.8V
OE Disable Current (IOD)
4.5
mA
F=1MHz~110MHz, Vdd=2.5V-3.3V,
OE=Low, output is in High-Z state
4.3
F=1MHz~110MHz, Vdd=1.8V,
OE=Low, output is in High-Z state
4.7
F=115.194001MHz~110MHz,
Vdd=2.5V-3.3V, OE=Low, output is in
High-Z state
4.5
F=115.194001MHz~110MHz,
Vdd=1.8V, OE=Low, output is in
High-Z state
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com


Similar Part No. - ASTMHT

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
ASTM A581/A582 KEYSTONE-ASTM A581/A582 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
ASTM A581/A582 KEYSTONE-ASTM A581/A582 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
ASTM B211 KEYSTONE-ASTM B211 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
ASTM B211 KEYSTONE-ASTM B211 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
ASTM B633 KEYSTONE-ASTM B633 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results

Similar Description - ASTMHT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
For Industrial Applications
Rev. 1.3, 2010-03-16
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
Extended Temperature products for Industrial Applications
logo
M.S. Kennedy Corporatio...
MSK4805 MSK-MSK4805_15 Datasheet
843Kb / 8P
Designed for High Temperature Applications
logo
Recom International Pow...
R0.5S-D RECOM-R0.5S-D Datasheet
120Kb / 8P
Approved for Medical Applications
logo
Pulse A Technitrol Comp...
J426 PULSE-J426 Datasheet
255Kb / 2P
Extended Temperature products for Industrial Applications
logo
Taiyo Yuden (U.S.A.), I...
LB3218T331KV TAIYO-YUDEN-LB3218T331KV_V01 Datasheet
276Kb / 2P
Wire-wound Chip Inductors for Medical / Industrial Applications (LB series)[LB]
LB3218T331MV TAIYO-YUDEN-LB3218T331MV_V01 Datasheet
276Kb / 2P
Wire-wound Chip Inductors for Medical / Industrial Applications (LB series)[LB]
LB3218T471KV TAIYO-YUDEN-LB3218T471KV_V01 Datasheet
276Kb / 2P
Wire-wound Chip Inductors for Medical / Industrial Applications (LB series)[LB]
logo
E+E Elektronik Ges.m.b....
EE23 EPLUSE-EE23 Datasheet
1Mb / 9P
Humidity and Temperature Sensor for Industrial Applications
08-2023
EE310 EPLUSE-EE310 Datasheet
1Mb / 10P
High-End Humidity and Temperature Sensor for Industrial Applications
06-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com