Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMHT Datasheet(PDF) 14 Page - Abracon Corporation

Part # ASTMHT
Description  High temperature applications for Industrial, medical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMHT Datasheet(HTML) 14 Page - Abracon Corporation

Back Button ASTMHT Datasheet HTML 6Page - Abracon Corporation ASTMHT Datasheet HTML 7Page - Abracon Corporation ASTMHT Datasheet HTML 8Page - Abracon Corporation ASTMHT Datasheet HTML 9Page - Abracon Corporation ASTMHT Datasheet HTML 10Page - Abracon Corporation ASTMHT Datasheet HTML 11Page - Abracon Corporation ASTMHT Datasheet HTML 12Page - Abracon Corporation ASTMHT Datasheet HTML 13Page - Abracon Corporation ASTMHT Datasheet HTML 14Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Revised: 06.17.2016
LLC
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
TAPE & REEL:
Unit: mm
Tape Size
A max.
B min.
C
D min.
N
W1
W2 max.
8mm
180
1.5
13.0+0.6/-0.2
20.2
60±0.5
8.4+1.5/-0
14.4
12mm
180
1.5
13.0±0.2
20.2
60±0.5
12.4+2.0/-0
18.4
330
1.5
13.0±0.2
20.2
100±0.5
12.4+2.0/-0
18.4
16mm
180
1.5
13.0±0.2
20.2
60±0.5
16.4+2.0/-0
22.4
330
1.5
13.0±0.2
20.2
100±0.5
16.4+2.0/-0
22.4
Device Size
“T” (1k/reel)
“T3” (3k/reel)
2016
8mm Tape
7” Reel
8mm Tape
7” Reel
2520
8mm Tape
7” Reel
8mm Tape
7” Reel
3225
8mm Tape
7” Reel
8mm Tape
7” Reel
5032
12mm Tape
7” Reel
12mm Tape
13” Reel
7050
16mm Tape
7” Reel
16mm Tape
13” Reel
ASTMHT
ASTMHT
High Temperature, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com