Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMHT Datasheet(PDF) 10 Page - Abracon Corporation

Part # ASTMHT
Description  High temperature applications for Industrial, medical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMHT Datasheet(HTML) 10 Page - Abracon Corporation

Back Button ASTMHT Datasheet HTML 6Page - Abracon Corporation ASTMHT Datasheet HTML 7Page - Abracon Corporation ASTMHT Datasheet HTML 8Page - Abracon Corporation ASTMHT Datasheet HTML 9Page - Abracon Corporation ASTMHT Datasheet HTML 10Page - Abracon Corporation ASTMHT Datasheet HTML 11Page - Abracon Corporation ASTMHT Datasheet HTML 12Page - Abracon Corporation ASTMHT Datasheet HTML 13Page - Abracon Corporation ASTMHT Datasheet HTML 14Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Revised: 06.17.2016
LLC
TYPICAL PERFORMANCE DATA
RMS Integrated Phase Jitter Random (12kHz to 20MHz) vs Frequency (3)
1MHz-110MHz Devices
115.194001MHz -137MHz Devices
RMS Integrated Phase Jitter Random (900kHz to 7.5MHz) vs Frequency (3)
1MHz-110MHz Devices
115.194001MHz -137MHz Devices
Notes: 3. Phase noise plots are measured with Agilent E5052B signal source analyzer. Integration range is 12kHz to 5MHz for
carrier frequencies up to 40MHz.
ASTMHT
ASTMHT
High Temperature, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com