Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMHT Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASTMHT
Description  High temperature applications for Industrial, medical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMHT Datasheet(HTML) 2 Page - Abracon Corporation

  ASTMHT Datasheet HTML 1Page - Abracon Corporation ASTMHT Datasheet HTML 2Page - Abracon Corporation ASTMHT Datasheet HTML 3Page - Abracon Corporation ASTMHT Datasheet HTML 4Page - Abracon Corporation ASTMHT Datasheet HTML 5Page - Abracon Corporation ASTMHT Datasheet HTML 6Page - Abracon Corporation ASTMHT Datasheet HTML 7Page - Abracon Corporation ASTMHT Datasheet HTML 8Page - Abracon Corporation ASTMHT Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Revised: 06.17.2016
LLC
ASTMHT
ASTMHT
High Temperature, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
(Continued)
Parameters
Min
Typ
Max
Unit
Notes
Standby Current (Istd)
2.6
8.5
µA
ST=Low, Vdd=2.8V-3.3V, output is
weakly pulled down
1.4
5.5
ST=Low, Vdd=2.5V, output is weakly
pulled down
0.6
4.0
ST=Low, Vdd=1.8V, output is weakly
pulled down
Output Type
LVCMOS
%
5
5
5
4
e
l
c
y
C
y
t
u
D
All Vdd options
Rise/Fall Time ( Tr /Tf)
1
2
ns
Vdd=2.5V, 2.8V, 3.0V or 3.3V, 20%-80%
1.3
2.5
Vdd=1.8V, 20%-80%
1
3
Vdd=2.25V-3.63V, 20%-80%
Output High Voltage (VOH)
90%*Vdd
V
IOH=-4mA (Vdd=3.0V or 3.3V)
IOH=-3mA (Vdd=2.8V or 2.5V)
IOH=-2mA (Vdd=1.8V)
Output Low Voltage (VOL)
10%*Vdd
V
IOL=4mA (Vdd=3.0V or 3.3V)
IOL=3mA (Vdd=2.8V or 2.5V)
IOL=2mA (Vdd=1.8V)
Input High Voltage(VIH)
70%*Vdd
V
Pin 1
Input Low Voltage(VIL)
30%*Vdd
V
Pin 1
Input Pull-up Impedance ( Zin)
50
87
150
kΩ
Pin 1, OE logic high or logic low,
ST
logic high
2
MΩ Pin 1, ST logic low
Startup Time (Tstart)
5
ms
Measured from the time Vdd reaches 90%
of its final value
Enable/Disable Time (Toe)
130
ns
F=110MHz, 115.194001MHz,
119.342001MHz. For other frequencies,
Toe=100ns+3*cycles
Resume Time ( Tresume)
5
ms
Measured from the time ST pin crosses
50% threshold
RMS Period Jitter ( Tjitt)
1.6
2.5
ps
F=75MHz, 125MHz, Vdd=2.5V, 2.8V,
3.0V or 3.3V
1.9
3
F=75MHz, 125MHz, Vdd=1.8V
Peak-to-peak Period Jitter (Tpk)
12
20
ps
F=75MHz, 125MHz, Vdd=2.5V, 2.8V,
3.0V or 3.3V
14
25
F=75MHz, 125MHz, Vdd=1.8V
RMS Phase Jitter (random) ( Tphj)
0.5
0.8
ps
F=75MHz,125MHz integration
bandwidth=900kHz to 7.5MHz
1.3
2
F=75MHz, 125MHz integration
bandwidth=12kHz to 20MHz
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com