Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMHT Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASTMHT
Description  High temperature applications for Industrial, medical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMHT Datasheet(HTML) 3 Page - Abracon Corporation

  ASTMHT Datasheet HTML 1Page - Abracon Corporation ASTMHT Datasheet HTML 2Page - Abracon Corporation ASTMHT Datasheet HTML 3Page - Abracon Corporation ASTMHT Datasheet HTML 4Page - Abracon Corporation ASTMHT Datasheet HTML 5Page - Abracon Corporation ASTMHT Datasheet HTML 6Page - Abracon Corporation ASTMHT Datasheet HTML 7Page - Abracon Corporation ASTMHT Datasheet HTML 8Page - Abracon Corporation ASTMHT Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Revised: 06.17.2016
LLC
Standard Frequency (MHz)
Standard Frequency (MHz)
7.3728
8
8.192
9.8304
9.84375
11.0592
12
12.288
13
13.225625
13.52127
14.31818 14.7456
15
16
16.384
18.432
19.6608
20
22.1184
24
24.56
24.576
25
26
27
29.4912
30
32
33
36
40
48
Absolute Maximum Ratings
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part. Actual
performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Note: 1. Exceeding this temperature for extended period of time may damage the device
Thermal Consideration
Maximum Operating Junction Temperature (2)
Note: 2. Datasheet specifications are not guaranteed if junction temperature exceeds the maximum
operating junction temperature
Parameters
Min.
Max.
Unit
0
5
1
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
°C
VDD
V
4
5
.
0
-
Electrostatic Discharge (HBM)
2000
V
Soldering Temperature
(follow standard Pb free soldering guidelines)
260
°C
Junction Temperature (1)
0
5
1
°C
Package
θJA, 4 Layer Board
(°C/W)
θJA, 2 Layer Board
(°C/W)
θJC, Bottom
(°C/W)
7.0 x 5.0mm
142
273
30
5.0 x 3.2mm
97
199
24
3.2 x 2.5mm
109
212
27
2.5 x 2.0mm
117
222
26
2.0 x 1.6mm
152
252
36
Max. Operating Temperature (ambient)
Max. Operating Junction Temperature
C
°
5
1
1
C
°
5
0
1
C
°
5
3
1
C
°
5
2
1
ASTMHT
ASTMHT
High Temperature, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com