Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMHT Datasheet(PDF) 5 Page - Abracon Corporation

Part # ASTMHT
Description  High temperature applications for Industrial, medical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMHT Datasheet(HTML) 5 Page - Abracon Corporation

  ASTMHT Datasheet HTML 1Page - Abracon Corporation ASTMHT Datasheet HTML 2Page - Abracon Corporation ASTMHT Datasheet HTML 3Page - Abracon Corporation ASTMHT Datasheet HTML 4Page - Abracon Corporation ASTMHT Datasheet HTML 5Page - Abracon Corporation ASTMHT Datasheet HTML 6Page - Abracon Corporation ASTMHT Datasheet HTML 7Page - Abracon Corporation ASTMHT Datasheet HTML 8Page - Abracon Corporation ASTMHT Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Revised: 06.17.2016
LLC
Table 1: Vdd=1.8V Rise/Fall Times for Specific CLOAD
Table 2: Vdd=2.5V Rise/Fall Times for Specific CLOAD
Table 3: Vdd=2.8V Rise/Fall Times for Specific CLOAD
(a) Output Frequency: 1MHz – 110MHz
Rise/Fall Time Typ. (ns)
Drive
Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
6.16
11.61
22.00
31.27
39.91
A
3.19
6.35
11.00
16.01
21.52
R
2.11
4.31
7.65
10.77
14.47
B
1.65
3.23
5.79
8.18
11.08
T
0.93
1.91
3.32
4.66
6.48
E
0.78
1.66
2.94
4.09
5.74
U
0.70
1.48
2.64
3.68
5.09
F or Blank
(default)
0.65
1.30
2.40
3.35
4.56
(b) Output Frequency: 115.194001MHz –
137MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
T
0.93
N/A
E
0.78
N/A
U
0.70
1.48
F or Blank
(default)
0.65
1.30
(a) Output Frequency: 1MHz – 110MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
4.13
8.25
12.82
21.45
27.79
A
2.11
4.27
7.64
11.20
14.49
R
1.45
2.81
5.16
7.65
9.88
B
1.09
2.20
3.88
5.86
7.57
T
0.62
1.28
2.27
3.51
4.45
E or Blank
(default)
0.54
1.00
2.01
3.10
4.01
U
0.43
0.96
1.81
2.79
3.65
F
0.34
0.88
1.64
2.54
3.32
(b) Output Frequency: 115.194001MHz –
137MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
R
1.45
N/A
B
1.09
N/A
T
0.62
1.28
E or Blank
(default)
0.54
1.00
U
0.43
0.96
F
0.34
0.88
(a) Output Frequency: 1MHz – 110MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
30pF
45pF
60pF
L
3.77
7.54
12.28
19.57
25.27
A
1.94
3.90
7.03
10.24
13.34
R
1.29
2.57
4.72
7.01
9.06
B
0.97
2.00
3.54
5.43
6.93
T
0.55
1.12
2.08
3.22
4.08
E or Blank
(default)
0.44
1.00
1.83
2.82
3.67
U
0.34
0.88
1.64
2.52
3.30
F
0.29
0.81
1.48
2.29
2.99
(b) Output Frequency: 115.194001MHz –
137MHz
Rise/Fall Time Typ. (ns)
Drive Strength
Options
CLOAD
5pF
15pF
30pF
R
1.29
N/A
N/A
B
0.97
N/A
N/A
T
0.55
1.12
N/A
E or Blank
(default)
0.44
1.00
N/A
U
0.34
0.88
N/A
F
0.29
0.81
1.48
ASTMHT
ASTMHT
High Temperature, Programmable SMD MEMS Oscillator
2.0 x 1.6 x 0.75mm; 2.5 x 2.0 x 0.75mm;
3.2 x 2.5 x 0.75mm; 5.0 x 3.2 x 0.75mm;
7.0 x 5.0 x 0.9mm
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com