Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMB063T-R68MS-63 Datasheet(PDF) 16 Page - Texas Instruments

Part # PIMB063T-R68MS-63
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIMB063T-R68MS-63 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PIMB063T-R68MS-63 Datasheet HTML 12Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 13Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 14Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 15Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 16Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 17Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 18Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 19Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
TPS51362
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
Out-of-Bounds Operation (OOB)
When the output voltage rises to 8% above the target value, the out-of-bound operation starts. During the OOB
operation, the controller operates in forced PWM-only mode by turning on low side FET. Turning on the low side
FET beyond the zero inductor current can quickly discharge the output capacitor thus causing VOUT to fall quickly
towards setpoint. During the operation, the cycle by cycle negative current limit is also activated to ensure the
safe operation of the internal FETs.
Overvoltage Profection (OVP) and Undervoltage Protection (UVP)
When the output voltage rises to a level 20% (typ) higher than the setpoint voltage, an overvoltage condition is
present. When a 0-V event is detected, the converter turns off the high side FET and turns on the low side FET.
The operation continues until the cycle by cycle negative current limit is reached and low side FET is turned off
and high side FET is turned on, for a minimum on-time. After the minimum on-time expires, the high side FET is
driven off and low side FET is driven on again until negative current limit is reached or VOUT is discharged to 0 V.
When the VOUT is discharged to 0 V, both high-side and low-side FETs are latched off. An OVP fault requires the
V5IN voltage to fall below POR threshold or EN reset to clear.
Undervoltage Protection (UVP)
The undervoltage protection (UVP) is set when the VOUT voltage falls below 68% (typ) of the setpoint voltage for
1msec or longer. In this fault condition, the converter turns off both high-side and low-side FETs. The UVP
function is enabled after 1.4 ms of soft start completion. An UVP fault requires 5-V UVLO or EN reset.
V5IN Undervoltage Lockout (UVLO) Protection
TPS51362 has a 5-V supply undervoltage lockout protection (UVLO) threshold. When the V5IN voltage is lower
than UVLO threshold voltage, Vout is shut off. This is a non-latch protection.
Power-On-Reset (POR)
To prevent single rail supply voltage brown-out due to output OV condition, when the output voltage is shut down
due to OVP fault, Power-on-Reset (POR) on V5IN is implemented. To reset OVP fault, V5IN voltage must fall
below POR threshold voltage of 1.7 V (typ) or EN reset to clear.
Thermal Shutdown
TPS51362 includes an internal temperature monitor. If the die temperature exceeds the threshold (published in
the EC table of this datasheet), the converter will be shutdown. This is a non-latch protection and the operation is
restarted with soft-start sequence when the device temperature is reduced by the hysteresis.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com