Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMB063T-R68MS-63 Datasheet(PDF) 13 Page - Texas Instruments

Part # PIMB063T-R68MS-63
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIMB063T-R68MS-63 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PIMB063T-R68MS-63 Datasheet HTML 9Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 10Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 11Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 12Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 13Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 14Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 15Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 16Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Inductor Current
Output Voltage
PWM
SLEW
CSP - CSN
CSP - CSN
SLEW - VOUT
REFIN
UDG-13015
tON
(1)
Time
0
f
gM
(2
C1)
10
£
p ´
TPS51362
www.ti.com
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
PWM Operation
TPS51362 employs DCAP2 mode operation. It uses an internal phase compensation network (RC1, RC2, CC1, CC2
and gain) to work with very low ESR output capacitors such as multi-layer ceramic capacitor (MLCC). The role of
such network is to sense and scale the current ripple component of the output inductor current information and
then use it in conjunction with the voltage feedback signal to achieve loop stability of the converter.
The transconductance (gM) amplifier and SLEW capacitor (C1) forms an integrator. The output ripple voltage
generated is inversed and averaged by this integrator. The AC information is superimposed onto otherwise DC
information and forms a reference voltage at the input of the PWM comparator. As long as the integrator time
constant is much larger than the inverse of the loop crossover frequency, the AC component is negligible.
where
•
gM is 60 µS
•
f0 is 1/3 or 1/4 of the switching frequency (fSW)
(1)
The voltage difference (VSLEW – VVSNS) is then compared to the G×(CSP-CSN) (see Figure 21) voltage at the
PWM comparator inputs. The PWM comparator creates a SET signal to turn on the high-side MOSFET during
each cycle when the current level falls below the loop demand (see Figure 20).
Figure 20. On-Time Waveforms (1)
(1)
ON time is initiated by (VOUT-SLEW) and (CSP-CSN) crossover
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com