Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMB063T-R68MS-63 Datasheet(PDF) 11 Page - Texas Instruments

Part # PIMB063T-R68MS-63
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIMB063T-R68MS-63 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PIMB063T-R68MS-63 Datasheet HTML 7Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 8Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 9Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 10Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 11Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 12Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 13Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 14Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
9
10
Output Current (A)
200 LFM
Natural Convection
fSW = 800 kHz
VIN = 20 V
VOUT =1.5 V
G012
TPS51362
www.ti.com
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE RIPPLE
vs
vs
OUTPUT CURRENT (IOUT = 10A)
LOAD TRANSIENT RESPONSE
Figure 13.
Figure 14.
vs
vs
START-UP
SHUTDOWN
Figure 15.
Figure 16.
AMBIENT TEMPERATURE
vs
vs
LP TOGGLE
OUTPUT CURRENT
Figure 17.
Figure 18.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com