Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMB063T-R68MS-63 Datasheet(PDF) 20 Page - Texas Instruments

Part # PIMB063T-R68MS-63
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIMB063T-R68MS-63 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PIMB063T-R68MS-63 Datasheet HTML 16Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 17Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 18Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 19Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 20Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 21Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 22Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 23Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TPS51362
UDG-13058
1
2
3
4
5
6
7
8
9
0.1 mF
0.68 mH
8 x 22 mF
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
SW
SW
SW
SW
NC
MODE
LP#
PGOOD
BST
REFIN 2
REFIN
VREF
NU
EN
VIN
VIN
VIN
V5
TRIP
SLEW
VSNS
GSNS
GND
10 nF
2.2 mF
0.1 mF
EN
PGOOD
LP#
GSNS
VSNS
VIN
V
OUT
1.05 V
7.4 V
to
20 V
V5
5V
2 x 10 mF
0.1 mF
TPS51362
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
REFERENCE DESIGNS
This section describes one typical application circuit using the TPS51362.
Design 1
This design is a VCCIO application with an output voltage of 1.05 V, maximum processor current (ICC(max)) of 6 A,
an OCL of 8 A and a switching frequency of 800 kHz.
Figure 23. Design 1: Application Schematic
Table 4. Design 1: List of Materials
REFERENCE
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
DESIGNATOR
CIN
2
10 µF, 25 V
Taiyo Yuden
TMK325BJ106MM
COUT
8
22 µF, 6.3 V
Murata
GRM21BB30J226ME38
LOUT
1
0.68 µH, 4.8 m
Ω
Cyntec
PIMB063T-R68MS-63
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com