Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMB063T-R68MS-63 Datasheet(PDF) 2 Page - Texas Instruments

Part # PIMB063T-R68MS-63
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIMB063T-R68MS-63 Datasheet(HTML) 2 Page - Texas Instruments

  PIMB063T-R68MS-63 Datasheet HTML 1Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 2Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 3Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 4Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 5Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 6Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 7Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 8Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS51362
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1) (2)
MINIMUM
ORDERABLE DEVICE
TA
PACKAGE
PINS
TRANSPORT MEDIA
ORDER
NUMBER
QUANTITY
TPS51362RVET
Small tape-and-reel
250
Plastic Quad Flat Pack
–10°C to 85°C
28
(QFN)
TPS51362RVER
Large tape-and-reel
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
30
36
BST
transient <10 ns
38
w/r/t SW
6
Input voltage range(2)
SW
30
V
EN, TRIP, NU, MODE, V5, LP#
-0.3
6
SLEW, VSNS, REFIN, REFIN2
–0.3
3.6
GSNS
–0.35
0.35
PGND
-0.3
0.3
PGOOD
–0.3
6
Output voltage range(2)
VREF
–0.3
3.6
V
NC
–5
36
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2000
V
Electrostatic discharge
Charged device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
Junction temperature range, TJ
–10
150
°C
Storage temperature range, Tstg
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com