Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMB063T-R68MS-63 Datasheet(PDF) 9 Page - Texas Instruments

Part # PIMB063T-R68MS-63
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIMB063T-R68MS-63 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PIMB063T-R68MS-63 Datasheet HTML 5Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 6Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 7Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 8Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 9Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 10Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 11Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 12Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.35V
G005
1.03
1.04
1.05
1.06
1.07
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G006
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.35V
G003
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G004
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G001
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.2V
G002
TPS51362
www.ti.com
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
EFFICIENCY
FREQUENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
FREQUENCY
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com