Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMB063T-R68MS-63 Datasheet(PDF) 12 Page - Texas Instruments

Part # PIMB063T-R68MS-63
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIMB063T-R68MS-63 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PIMB063T-R68MS-63 Datasheet HTML 8Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 9Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 10Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 11Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 12Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 13Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 14Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 15Page - Texas Instruments PIMB063T-R68MS-63 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
UDG-13052
R1
VREF 2 V
VREF
REFIN
REFIN 2
TPS51362
R2
0.1 mF
Either
TPS51362
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
APPLICATION INFORMATION
Functional Overview
The TPS51362 is a 10-A, integrated FET synchronous step-down converter with differential voltage feedback
support.
It uses adaptive on-time D-CAP2 for compensation-less stable loop operation in POSCAP, POSCAP/MLCCs and
all MLCCs output capacitor configurations.
TPS51362 automatically operates in discontinuous mode to optimize light-load efficiency. An 800-kHz switching
frequency enables optimization of the power train for cost, size and efficiency performance of the design. The
key feature of the TPS51362 is its ULQ™ mode to enable low-bias current (100 µA in low power mode, enabled
by LP#). This feature is extremely beneficial for long battery life in system standby mode.
VREF, REFIN, REFIN2 and Output Voltage
This device provides a 2.0-V, accurate voltage reference from the VREF pin. This output has a 300-uA sourcing
current capability to drive voltage setpoint reference through a voltage divider circuit as shown in Figure 19. To
ensure higher overall system voltage accuracy, the sum of the total resistance from VREF to GND should be
designed to be more than 67kohm. A MLCC capacitor with a value of 0.1uF or larger should be attached close to
the VREF pin. The voltage setpoint range supported by this device is between 0.6 V and 2.0 V.
This device also supports resistor-less fixed voltage operation by the use of both REFIN and REFIN2 pins.
Table 1 lists all the possible fixed voltage configurations by the REFIN and REFIN2 pin. The TPS51362 detects
the state of both REFIN and REFIN2 during the initial startup and decides the output voltage setpoint for the
operation.
Table 1. REFIN and REFIN2 Pin Settings
VOLTAGE (V)
VOUT OUTPUT
REFIN PIN
REFIN2 PIN
VOLTAGE (V)
(VREFIN)
(VREFIN2)
GND
GND
1.05
Float
GND
1.2
GND
Float
1.5
Float
Float
1.35
Either GND or
Resistor dividers
Adjustable from 0.6 to 2.0
Float
Figure 19. Setting the Output Voltage
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com