Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044RGCT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB8044RGCT Datasheet HTML 32Page - Texas Instruments TUSB8044RGCT Datasheet HTML 33Page - Texas Instruments TUSB8044RGCT Datasheet HTML 34Page - Texas Instruments TUSB8044RGCT Datasheet HTML 35Page - Texas Instruments TUSB8044RGCT Datasheet HTML 36Page - Texas Instruments TUSB8044RGCT Datasheet HTML 37Page - Texas Instruments TUSB8044RGCT Datasheet HTML 38Page - Texas Instruments TUSB8044RGCT Datasheet HTML 39Page - Texas Instruments TUSB8044RGCT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
36
TUSB8044
SLLSEW5 – APRIL 2017
www.ti.com
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.21 Billboard SVID LSB
Figure 22. Register Offset 27h (Billboard SVID LSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
1
Table 28. Bit Descriptions – Billboard SVID LSB
Bit
Field
Type
Description
7:0
SVID_LSB
RW
SVID. This field is the LSB of the 16-bit SVID. This field defaults to
0x01 but can be changed using an external I2C EEPROM or SMBus.
8.5.22 Billboard SVID MSB
Figure 23. Register Offset 28h (Billboard SVID MSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
1
1
1
1
1
1
1
Table 29. Bit Descriptions – Billboard SVID MSB
Bit
Field
Type
Description
7:0
SVID_MSB
RW
SVID. This field is the MSB of the 16-bit SVID. This field defaults to
0xFF but can be changed using an external I2C EEPROM or SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com