Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044RGCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 1 Page - Texas Instruments

  TUSB8044RGCT Datasheet HTML 1Page - Texas Instruments TUSB8044RGCT Datasheet HTML 2Page - Texas Instruments TUSB8044RGCT Datasheet HTML 3Page - Texas Instruments TUSB8044RGCT Datasheet HTML 4Page - Texas Instruments TUSB8044RGCT Datasheet HTML 5Page - Texas Instruments TUSB8044RGCT Datasheet HTML 6Page - Texas Instruments TUSB8044RGCT Datasheet HTML 7Page - Texas Instruments TUSB8044RGCT Datasheet HTML 8Page - Texas Instruments TUSB8044RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
USB 3.x Host Controller
USB 2.0
Device
USB 3.x
Device
USB 2.0 Connection
USB 3.x Connection
USB 2.0/3.x Device
USB 3.x Device
USB 2.0 Device
USB 3.1 System Implementation
USB 1.x Device
USB 1.1
Device
USB 1.x Connection
TUSB8044
USB 2.0
Device
USB 3.x Hub
USB 3.x
Device
USB 2.0 Hub
USB 2.0
Device
USB 1.1
Device
USB 3.x
Device
USB 2.0
HID to I2C
USB 2.0
Billboard
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB8044
SLLSEW5 – APRIL 2017
TUSB8044 Four-Port USB 3.1 Gen1 Hub with USB Billboard
1
1 Features
1
•
Four Port USB 3.1 Gen1 Hub
•
USB 2.0 Hub Features
–
Multi Transaction Translator (MTT) Hub: Four
Transaction Translators
–
Two Asynchronous Endpoint Buffers Per
Transaction Translator
•
Supports Battery Charging:
–
Supports D+/D- Divider Charging Port (ACP1,
ACP2, and ACP3) when the Upstream Port is
Unconnected or not Configured
–
Supports Automatic Mode for Transition
Between DCP or ACP Modes When the
Upstream Port is Unconnected
–
Supports Galaxy Charging
–
CDP Mode (Upstream Port Connected)
–
DCP Mode (Upstream Port Unconnected)
–
DCP Mode Complies with Chinese
Telecommunications Industry Standard YD/T
1591-2009
•
Supports Operation as a USB 3.1 Gen1 or USB
2.0 Compound Device
•
Supports USB Billboard
•
Per Port or Ganged Power Switching and Over-
Current Notification Inputs
•
Supports Four External Downstream Ports plus
internal USB 2.0-Only Ports for USB HID to I2C
Functionality and USB2.0 Billboard
•
Internal Downstream Port for I2C Control Through
USB HID Supports High-Speed, Full-Speed
Operation. Its Speed Matches That of the
Upstream Port.
•
Supports Vendor Requests to Read and Write I2C
and EEPROM Read at 100 k and 400 k (Default)
•
I2C Master Supports Clock Stretching
•
OTP ROM, Serial EEPROM or I2C/SMBus Slave
Interface for Custom Configurations:
–
VID and PID
–
Port Customizations
–
Manufacturer and Product Strings (not by OTP
ROM)
–
Serial Number (not by OTP ROM)
•
Provides 128-Bit Universally Unique Identifier
(UUID)
•
Supports On-Board and In-System EEPROM
Programming Via the USB 2.0 Upstream Port
•
Single Clock Input, 24-MHz Crystal or Oscillator
•
Downstream Ports Configurable to USB2.0 Only
•
64-Pin QFN Package (RGC)
2 Applications
Computer Systems, Docking Stations, Monitors,
Set-Top Boxes
3 Description
The TUSB8044 is a four-port USB 3.1 Gen1 hub. It
provides simultaneous SuperSpeed USB and high-
speed/full-speed connections on the upstream port
and provides SuperSpeed USB, high-speed, full-
speed, or low-speed connections on the downstream
ports. When the upstream port is connected to an
electrical environment that only supports high-speed
or full-speed/low-speed connections, SuperSpeed
USB connectivity is disabled on the downstream
ports.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB8044
VQFN (64)
9.00 mm × 9.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Diagram


Similar Part No. - TUSB8044RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044AI TI1-TUSB8044AI Datasheet
2Mb / 63P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044AI TI1-TUSB8044AI Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044AIRGCR TI1-TUSB8044AIRGCR Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
More results

Similar Description - TUSB8044RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
CG-U31IS4PH COOLGEAR-CG-U31IS4PH Datasheet
118Kb / 3P
4 Port USB 3.1 Gen1 Isolated Hub with 15KV ESD Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com