Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044RGCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB8044RGCT Datasheet HTML 7Page - Texas Instruments TUSB8044RGCT Datasheet HTML 8Page - Texas Instruments TUSB8044RGCT Datasheet HTML 9Page - Texas Instruments TUSB8044RGCT Datasheet HTML 10Page - Texas Instruments TUSB8044RGCT Datasheet HTML 11Page - Texas Instruments TUSB8044RGCT Datasheet HTML 12Page - Texas Instruments TUSB8044RGCT Datasheet HTML 13Page - Texas Instruments TUSB8044RGCT Datasheet HTML 14Page - Texas Instruments TUSB8044RGCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
11
TUSB8044
www.ti.com
SLLSEW5 – APRIL 2017
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Hub Input Supply Current
Typical values measured at TA = 25°C
PARAMETER
VDD33
VDD
UNIT
3.3 V
1.1 V
LOW POWER MODES
Power On (after Reset)
3
30
mA
Upstream Disconnect
3
24
mA
Suspend
3
30
mA
ACTIVE MODES (US state / DS State)
3.0 host / 1 SS Device and Hub in U1 / U2
45
240
mA
3.0 host / 1 SS Device and Hub in U0
45
356
mA
3.0 host / 2 SS Devices and Hub in U1 / U2
45
301
mA
3.0 host / 2 SS Devices and Hub in U0
45
457
mA
3.0 host / 3 SS Devices and Hub in U1 / U2
45
372
mA
3.0 host / 3 SS Devices and Hub in U0
45
563
mA
3.0 host / 4 SS Devices and Hub in U1 / U2
45
440
mA
3.0 host / 4 SS Devices and Hub in U0
45
672
mA
3.0 host / 4 SS Devices and Hub in U0 plus Billboard enabled
45
680
mA
3.0 host / 1 SS Device in U0 and 1 HS Device
84
372
mA
3.0 host / 2 SS Devices in U0 and 2 HS Devices
95
512
mA
2.0 host / HS Device
45
55
mA
2.0 host / 4 HS Devices
76
74
mA
2.0 host / 4 HS Devices plus Billboard enabled.
76
76
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com