Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044RGCT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB8044RGCT Datasheet HTML 33Page - Texas Instruments TUSB8044RGCT Datasheet HTML 34Page - Texas Instruments TUSB8044RGCT Datasheet HTML 35Page - Texas Instruments TUSB8044RGCT Datasheet HTML 36Page - Texas Instruments TUSB8044RGCT Datasheet HTML 37Page - Texas Instruments TUSB8044RGCT Datasheet HTML 38Page - Texas Instruments TUSB8044RGCT Datasheet HTML 39Page - Texas Instruments TUSB8044RGCT Datasheet HTML 40Page - Texas Instruments TUSB8044RGCT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
37
TUSB8044
www.ti.com
SLLSEW5 – APRIL 2017
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.23 Billboard PID LSB
Figure 24. Register Offset 29h (Billboard PID LSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
1
1
0
1
1
1
0
Table 30. Bit Descriptions – Billboard PID LSB
Bit
Field
Type
Description
7:0
BBPID_LSB
RW
Billboard PID LSB. This field represents the LSB of the 16-bit PID. This
field defaults to 0xEE but can be changed using an external I2C
EEPROM or SMBus
8.5.24 Billboard PID MSB
Figure 25. Register Offset 2Ah (Billboard PID MSB)
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
0
0
0
0
0
1
0
Table 31. Bit Descriptions – Billboard PID MSB
Bit
Field
Type
Description
7:0
BBPID_LSB
RW
Billboard PID MSB. This field represents the MSB of the 16-bit PID.
This field defaults to 0x82 but can be changed using an external I2C
EEPROM or SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com