Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044RGCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB8044RGCT Datasheet HTML 3Page - Texas Instruments TUSB8044RGCT Datasheet HTML 4Page - Texas Instruments TUSB8044RGCT Datasheet HTML 5Page - Texas Instruments TUSB8044RGCT Datasheet HTML 6Page - Texas Instruments TUSB8044RGCT Datasheet HTML 7Page - Texas Instruments TUSB8044RGCT Datasheet HTML 8Page - Texas Instruments TUSB8044RGCT Datasheet HTML 9Page - Texas Instruments TUSB8044RGCT Datasheet HTML 10Page - Texas Instruments TUSB8044RGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
7
TUSB8044
www.ti.com
SLLSEW5 – APRIL 2017
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
OVERCUR4z
43
I, PU
USB Port 4 Over-Current Detection. This pin is typically connected to the over current output
of the downstream port power switch for Port 4.
0 = An over current event has occurred
1 = An over current event has not occurred
When GANGED power management is enabled, this pin or one of the other OVERCURz pins
must be connected to the over current output of the power switch or circuit which detects the
over current conditions. For the case when another OVERCURz pin is used, this pin can be
left unconnected.
I2C/SMBUS I2C Signals
SCL/SMBCLK
38
I/O, PD
I2C clock/SMBus clock. Function of pin depends on the setting of the SMBUSz input.
When SMBUSz = 1, this pin acts as the serial clock interface for an I2C EEPROM.
When SMBUSz = 0, this pin acts as the serial clock interface for an SMBus host.
Can be left unconnected if external interface not implemented.
SDA/SMBDAT
37
I/O, PD
I2C data/SMBus data. Function of pin depends on the setting of the SMBUSz input.
When SMBUSz = 1, this pin acts as the serial data interface for an I2C EEPROM.
When SMBUSz = 0, this pin acts as the serial data interface for an SMBus host.
Can be left unconnected if external interface not implemented.
SMBUSz/SS_SUSPEND
39
I/O, PU
I2C/SMBus mode select/SuperSpeed USB Suspend Status. The value of the pin is sampled
at the de-assertion of reset set I2C or SMBus mode as follows:
1 = I2C Mode Selected
0 = SMBus Mode Selected
Can be left unconnected if external interface not implemented.
After reset, this signal indicates the SuperSpeed USB Suspend status of the upstream port if
enabled through the stsOutputEn bit in the Additional Feature Configuration register. When
enabled, a value of 1 indicates the connection is suspended.
Test and Miscellaneous Signals
PWRCTL_POL
41
I/O, PU
Power Control Polarity.
The value of the pin is sampled at the de-assertion of reset to set the polarity of
PWRCTL[4:1].
0 = PWRCTL polarity is active low
1 = PWRCTL polarity is active high
BBEN/GANGED/HS_UP
42
I/O, PD
When configured for I2C mode, this pin functions as Billboard Enable. When high, the
billboard device is enabled and presented to system. When low, the billboard device is
disabled. If SMBus is selected, then Billboard enable is controlled by a register.
If SMBus is selected and stsOutputEn bit is set, this pin will function as a HS_UP (upstream
HS connection indicator). When enabled, a value of 1 indicates the upstream port is
connected to a High-speed USB capable port.
If SMBus is selected, the value of the pin is sampled at the de-assertion of reset to set the
power switch and over current detection mode as follows: 0= Individual port power control
supported. 1= Ganged port Power control supported. SMBus master can at a later time
override the register.
BBbmConfigured0
/FULLAUTOz /
FULLPWRMGMTz
/SS_UP
40
I/O, PD
When configured for I2C mode, this pin along with BBbmConfigured1 directly controls the
bmConfigurated field in the Billboard Capability descriptor. If SMBus is selected, then
bmConfigured[0] field is determined by a register.
If SMBus is selected and battery charginig is enabled on any port, the sampled state of this
pin will set or clear the FullAutoEn bit in the Device Configuration Register 3. SMBus master
can at a later time override the register.
If SMBus is selected and battery charging is disabled, then the value of the pin is sampled at
the de-assertion of reset to set the power switch control: SMBus master can at a later time
override this function.
0 = Power Switching and over current inputs supported.
1= Power Switch and over current inputs not supported.
If SMBus is selected and stsOutputEn bit is set, ths pin will function as a SS_UP (upstream
SS connection indicator). When enabled, a value of 1 indicates the upstream port is
connected to a SuperSpeed USB capable port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com