Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044RGCT Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB8044RGCT Datasheet HTML 42Page - Texas Instruments TUSB8044RGCT Datasheet HTML 43Page - Texas Instruments TUSB8044RGCT Datasheet HTML 44Page - Texas Instruments TUSB8044RGCT Datasheet HTML 45Page - Texas Instruments TUSB8044RGCT Datasheet HTML 46Page - Texas Instruments TUSB8044RGCT Datasheet HTML 47Page - Texas Instruments TUSB8044RGCT Datasheet HTML 48Page - Texas Instruments TUSB8044RGCT Datasheet HTML 49Page - Texas Instruments TUSB8044RGCT Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
VBUS
1
D-
2
D+
3
GND
4
SSRX-
5
SSRX+
6
GND_DRAIN
7
SSTX-
8
SSTX+
9
SHIELD
S1
SHIELD
S2
SHIELD
S3
SHIELD
S4
TypeA_receptacle_Port4
USB_DP_DN4
USB_DM_DN4
USB_RXP_DN4
USB_RXM_DN4
PWRCT4_BATEN4
OVERCUR4z
USB_RXP_DN4
USB_RXM_DN4
0.1uF
C23
0.1uF
C24
GND
0.1uF
C26
0.001uF
C25
1M
R8
GND
USB_TXP_DN4
USB_TXM_DN4
220 ohm
FB3
DN4_VBUS
0.1uF
C22
GND
USB_SSTXP_DN4
26
USB_SSTXM_DN4
27
USB_SSRXP_DN4
29
USB_SSRXM_DN4
30
USB_DP_DN4
24
USB_DM_DN4
25
PWRCTL4/BATEN4
32
OVERCUR4
43
U1E
TUSB8044RGCR
USB_TXP_DN4
USB_TXM_DN4
4.7k
R7
3P3V
Copyright © 2017, Texas Instruments Incorporated
VBUS
1
D-
2
D+
3
GND
4
SSRX-
5
SSRX+
6
GND_DRAIN
7
SSTX-
8
SSTX+
9
SHIELD
S1
SHIELD
S2
SHIELD
S3
SHIELD
S4
TypeA_receptacle_Port3
USB_DP_DN3
USB_DM_DN3
USB_TXP_DN3
USB_TXM_DN3
USB_RXP_DN3
USB_RXM_DN3
PWRCT3_BATEN3
OVERCUR3z
3P3V
USB_RXP_DN3
USB_RXM_DN3
0.1uF
C18
0.1uF
C19
GND
0.1uF
C21
0.001uF
C20
1M
R6
GND
USB_TXP_DN3
USB_TXM_DN3
220 ohm
FB2
DN3_VBUS
0.1uF
C17
GND
USB_SSTXP_DN3
19
USB_SSTXM_DN3
20
USB_SSRXP_DN3
22
USB_SSRXM_DN3
23
USB_DP_DN3
17
USB_DM_DN3
18
PWRCTL3/BATEN3
33
OVERCUR3
44
U1D
TUSB8044RGCR
4.7K
R5
Copyright © 2017, Texas Instruments Incorporated
46
TUSB8044
SLLSEW5 – APRIL 2017
www.ti.com
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2.1.2.4
Downstream Port 3 Implementation
The downstream port3 of the TUSB8044 is connected to a USB3 Type A connector. With BATEN3 pin pulled up,
Battery Charge support is enabled for Port 3. If Battery Charge support is not needed, then pull-up resistor on
BATEN3 should be uninstalled. For ferrite bead used on the VBUS connection, a lower resistance is
recommended due to noticeable IR drop during high current charging modes. The isolation between the Type-A
connectors shield ground and signal ground pins is not required. Some applications may have better ESD/EMI
performance when the grounds are shorted together.
Figure 39. Downstream Port 3 Implementation
9.2.1.2.5
Downstream Port 4 Implementation
The downstream port 4 of the TUSB8044 is connected to a USB3 Type A connector. With BATEN4 pin pulled
up, Battery Charge support is enabled for Port 4. If Battery Charge support is not needed, then pull-up resistor on
BATEN4 should be uninstalled. For ferrite bead used on the VBUS connection, a lower resistance is
recommended due to noticeable IR drop during high current charging modes. The isolation between the Type-A
connectors shield ground and signal ground pins is not required. Some applications may have better ESD/EMI
performance when the grounds are shorted together.
Figure 40. Downstream Port 4 Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com