Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8044RGCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8044RGCT
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8044RGCT Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8044RGCT Datasheet HTML 1Page - Texas Instruments TUSB8044RGCT Datasheet HTML 2Page - Texas Instruments TUSB8044RGCT Datasheet HTML 3Page - Texas Instruments TUSB8044RGCT Datasheet HTML 4Page - Texas Instruments TUSB8044RGCT Datasheet HTML 5Page - Texas Instruments TUSB8044RGCT Datasheet HTML 6Page - Texas Instruments TUSB8044RGCT Datasheet HTML 7Page - Texas Instruments TUSB8044RGCT Datasheet HTML 8Page - Texas Instruments TUSB8044RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
XI
XO
USB_SSTXP_UP
USB_SSTXM_UP
USB_SSRXP_UP
USB_DP_UP
USB_DM_UP
USB_R1
GRTSz
VDD
VDD33
NC
VDD
USB_SSRXM_UP
VDD
VDD33
TEST
PWRCTL4/BATEN4
VDD
VDD
USB_SSRXM_DN4
USB_SSRXP_DN4
USB_SSTXM_DN4
USB_SSTXP_DN4
USB_DM_DN4
USB_DP_DN4
USB_SSRXM_DN3
USB_SSRXP_DN3
USB_SSTXM_DN3
USB_SSTXP_DN3
USB_DM_DN3
USB_DP_DN3
4
TUSB8044
SLLSEW5 – APRIL 2017
www.ti.com
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
RGC Package
64 Pin (VQFN)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com