Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # DFE252012C
Description  Dual Output LCD Bias IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

DFE252012C Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

Back Button DFE252012C Datasheet HTML 2Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 3Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 4Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 5Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 6Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 7Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 8Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 9Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 10Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Confidential
Datasheet Version 1.1
Mar. 2015. Revision 1.1
MagnaChip Semiconductor Ltd.
6
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
2C interface (Note 1)
VOL
Output Data Logic Low Voltage
IPULLUP=4mA
0.17
V
ILEAK
Input Leakage on SDA/SCL
-10
10
uA
tEN_I2C
Minimum time Between EN high
and I2C Enabled
0.5
ms
fSCL
SCL Clock Frequency
400
kHz
t1
Bus Free Time Between stop and
Start condition
1.3
us
t2
tHD:STA Hold Time after(Repeated)
START condition
After this Period, the First
Clock is generated
0.6
us
tSU:STA
Repeated Start condition setup
time
0.6
us
tSU:STO
Stop Condition Setup Time
0.6
us
tHD:DAT
Data Hold Time
300
ns
tSU:DAT
Data Setup Time
100
ns
t3
Low Period of SCL Clock
1.3
us
t4
High Period of SCL Clock
0.6
us
tF
Clock/Data Fall Time
300
ns
tR
Clock/Data Rise Time
300
ns
CCDMAX
Clock/data Maximum
Capacitance
400
pF
Note1) Guaranteed by design; not test in production
Definition of timing for F/S-mode devices on the I
2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com