Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet(PDF) 11 Page - MagnaChip Semiconductor.

Part # DFE252012C
Description  Dual Output LCD Bias IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

DFE252012C Datasheet(HTML) 11 Page - MagnaChip Semiconductor.

Back Button DFE252012C Datasheet HTML 7Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 8Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 9Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 10Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 11Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 12Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 13Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 14Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 15Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Confidential
Datasheet Version 1.1
Mar. 2015. Revision 1.1
MagnaChip Semiconductor Ltd.
11
VIN
ENP
ENN
UVLO
VREG
VREG power good
VPOS
VNEG
Pull to GND(20ohm typ)
Pull to GND
(70ohm typ)
Figure 20: Example of power off sequence activated
Figure 21: Example of power off sequence activated
by ENP and ENN when VIN is above UVLO
by VIN falling below UVLO
REGISTER MAP
Slave Address : 3Eh [ Bit : 0111110x ]
Table 1. I2C Registers
Register
R/W
Function
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
00h
R/W
VPOS
Not Used
VPOS[4]
VPOS[3]
VPOS[2]
VPOS[1]
VPOS[0]
01h
R/W
VNEG
Not Used
VNEG[4]
VNEG[3]
VNEG[2]
VNEG[1]
VNEG[0]
03h
R/W
DIS
Not Used
DISP
DISN
Table 2. VPOS/VNEG Voltage Setting
NO.
CODE
HEX
VPOS
VNEG
BIT4
BIT3
BIT2
BIT1
BIT0
1
0
0
0
0
0
00h
4.0V
-4.0V
2
0
0
0
0
1
01h
4.1V
-4.1V
3
0
0
0
1
0
02h
4.2V
-4.2V
4
0
0
0
1
1
03h
4.3V
-4.3V
5
0
0
1
0
0
04h
4.4V
-4.4V
6
0
0
1
0
1
05h
4.5V
-4.5V
7
0
0
1
1
0
06h
4.6V
-4.6V
8
0
0
1
1
1
07h
4.7V
-4.7V
9
0
1
0
0
0
08h
4.8V
-4.8V
10
0
1
0
0
1
09h
4.9V
-4.9V
11
0
1
0
1
0
0Ah
5.0V
-5.0V
VIN
ENP
ENN
UVLO
VREG
VREG power good
VPOS
VNEG
Pull to GND
(20ohm typ)
Pull to GND
(70ohm typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com