Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet(PDF) 14 Page - MagnaChip Semiconductor.

Part # DFE252012C
Description  Dual Output LCD Bias IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

DFE252012C Datasheet(HTML) 14 Page - MagnaChip Semiconductor.

Back Button DFE252012C Datasheet HTML 9Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 10Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 11Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 12Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 13Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 14Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 15Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 16Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 17Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Confidential
Datasheet Version 1.1
Mar. 2015. Revision 1.1
MagnaChip Semiconductor Ltd.
14
S
T
R
T
S
T
O
P
M
S
B
L
S
B
L
S
B
M
S
B
M
S
B
L
S
B
7bit DEVICE
ADDRESS
W
/
R
A
C
K
A
C
K
A
C
K
8bit ADDRESS OF
REGISTER
DATA
W
R
T
SCL
SDA
Figure 25 Writing to a single register
WRITING TO MULTIPLE REGISTERS WITH INCREMENTAL ADDRESSING
It would be unpractical to send several times the device address and the address of the register when
writing to multiple registers. MAP7102 supports writing to multiple registers with incremental addressing.
When data is written to a register, the address register is automatically incremented. So the next data can
be sent without sending the device address and the register address again.
7bit DEVICE
ADDRESS
8bit ADDRESS OF
REGISTER i
DATA i
DATA i+1
DATA i+n-1
DATA i+n
M
S
B
L
S
B
L
S
B
M
S
B
M
S
B
L
S
B
W
/
R
A
C
K
A
C
K
A
C
K
L
S
B
M
S
B
M
S
B
L
S
B
A
C
K
A
C
K
A
C
K
W
R
T
M
S
B
L
S
B
SCL
SDA
Figure 26 Writing to multiple registers
READING FROM A SINGLE REGISTER
The reading operation starts with a START bit followed by the 7bit device address of MAP7102. The 8-th bit
is the W/R bit, which is 0 in this case. MAP7102 confirms the receiving of the address + W/R bit by an
acknowledge pulse. The address of the register which should be read is sent afterwards and confirmed
again by an acknowledge pulse of MAP7102 again. Then the master generates a START bit again and
sends the device address followed by the W/R bit, which is 1 now. MAP7102 confirms the receiving of the
address+ W/R bit by an acknowledge pulse and starts to send the data to the master. No acknowledge
pulse from the master is required after receiving the data. Then the master generates a STOP bit to
terminate the communication.
7bit DEVICE
ADDRESS
8bit ADDRESS OF
REGISTER
DATA
7bit DEVICE
ADDRESS
S
T
R
T
M
S
B
L
S
B
L
S
B
M
S
B
M
S
B
W
/
R
A
C
K
A
C
K
L
S
B
A
C
K
W
/
R
S
T
R
T
S
T
O
P
A
C
K
W
R
T
R
E
A
D
N
O
A
C
K
M
S
B
L
S
B
SCL
SDA
Figure 27 Reading from a single register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com