Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet(PDF) 17 Page - MagnaChip Semiconductor.

Part # DFE252012C
Description  Dual Output LCD Bias IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

DFE252012C Datasheet(HTML) 17 Page - MagnaChip Semiconductor.

Back Button DFE252012C Datasheet HTML 9Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 10Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 11Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 12Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 13Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 14Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 15Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 16Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 17Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Confidential
Datasheet Version 1.1
Mar. 2015. Revision 1.1
MagnaChip Semiconductor Ltd.
17
REVISION HISTROY
Date
Version
Changes
2013.05.07
0.0
Initial Release.
2013.06.27
0.1
VPOS/VNEG Output Voltage range : 6.0V  5.7V, -6.0V  -5.7V
Register Map change.
2013.11.22
0.2
Electrical Characteristic Spec updated
- Maximum Current : 80mA  50mA
- External Component Change
- VPOS/VNEG Line & Load Regulation
 Test Condition & Spec change
2014.01.21
0.3
Maximum rate Spec updated
- All Control Pin : -0.3V to 6.6V  -0.3V to 6.0V
- SW pin Spec : -0.3V to 6.6V  -0.3V to VOUTP+0.3V
2014.09.15
0.4
Add to Graph
Input voltage Range change : Min 2.5V  Min 2.8V
VPOS/VNEG Load Regulation Spec Change :
VNEG : 6mV  0.19%/mA, VPOS : 5mV  0.31%/mA
Boost Current limit & RDS(ON) : Design Guaranteed
2015.01.27
1.0
Final Datasheet
2015.03.31
1.1
UVLO rising threshold voltage : 2.3V  2.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com