Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # DFE252012C
Description  Dual Output LCD Bias IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

DFE252012C Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  DFE252012C Datasheet HTML 1Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 2Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 3Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 4Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 5Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 6Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 7Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 8Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Confidential
Datasheet Version 1.1
Mar. 2015. Revision 1.1
MagnaChip Semiconductor Ltd.
3
Bill of Materials :
item
Part Number
Manufacturer
Description
Qty.
PMIC
MAP7102
Magnachip
Dual Output DC-DC
1
LX
DFE252012C
TOKO
4.7uH, 1.6A, 250mohm,
1
C4
GRM188R61C225KAAD
Murata
2.2
μF, 16 V, 0603, X5R, ceramic
1
C1/C2/C3/C5
GRM188R61C475KAAJ
Murata
4.7
μF, 16 V, 0603, X5R, ceramic
4
Pin Configuration
Ball A1
PGND
REG
OUTP
SW
AGND
REG
VIN
SDA
CFLY1
ENP
SCL
PGND
ENN
OUTN
CFLY2
E1
E2
E3
D1
D2
D3
C1
C2
C3
B1
B2
B3
A1
A2
A3
PIN Description
Pin Name
Pin Number
Description
ENN
A1
Enable pin for VNEG rail
OUTN
A2
Output pin of the negative charge pump (VNEG)
CFLY2
A3
Negative charge pump flying capacitor pin
ENP
B1
Enable pin for VPOS rail
SCL
B2
I²C interface clock signal pin
PGND
B3, E1
Power ground
VIN
C1
Input voltage supply pin
SDA
C2
I²C interface data signal pin
CFLY1
C3
Negative charge pump flying capacitor pin
SW
D1
Switch pin of the boost converter
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com