Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # DFE252012C
Description  Dual Output LCD Bias IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

DFE252012C Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  DFE252012C Datasheet HTML 1Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 2Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 3Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 4Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 5Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 6Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 7Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 8Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Confidential
Datasheet Version 1.1
Mar. 2015. Revision 1.1
MagnaChip Semiconductor Ltd.
4
AGND
D2
Analog ground
REG
D3, E2
Boost converter output pin
OUTP
E3
Output pin of the LDO (VPOS)
Absolute Maximum Ratings
Absolute Maximum Ratings
(Note )
Parameter
Value
Unit
CFLY1,OUTP, REG, SCL, SDA, VIN
-0.3 to 6.0
V
ENP, ENN
-0.3 to VIN + 0.3V
V
SW
-0.3V to VOUTP+0.3
V
CFLY2, OUTN
-6.0 to 0.3
V
Operating ambient temperature range, TA
-40 to +85
℃
Ambient Storage Temperature (Ts)
-65 to +150
℃
Junction Thermal Resistance (θJA)
(Note)
76.5
℃/W
ESD HBM Rating
2
kV
ESD MM Rating
200
V
Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Unit
Input Voltage Range
2.8 to 5.5
V
Inductor
2.2 to 4.7
uH
Input Capacitor
4.7 to 10
uF
Flying Capacitor
2.2 to 4.7
uF
Output Capacitor
4.7 to 10
uF
Operating ambient temperature
-40 to +85
℃
Operating junction temperature
-40 to +125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com