Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012C Datasheet(PDF) 12 Page - MagnaChip Semiconductor.

Part # DFE252012C
Description  Dual Output LCD Bias IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

DFE252012C Datasheet(HTML) 12 Page - MagnaChip Semiconductor.

Back Button DFE252012C Datasheet HTML 8Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 9Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 10Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 11Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 12Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 13Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 14Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 15Page - MagnaChip Semiconductor. DFE252012C Datasheet HTML 16Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Confidential
Datasheet Version 1.1
Mar. 2015. Revision 1.1
MagnaChip Semiconductor Ltd.
12
NO.
CODE
HEX
VPOS
VNEG
BIT4
BIT3
BIT2
BIT1
BIT0
12
0
1
0
1
1
0Bh
5.1V
-5.1V
13
0
1
1
0
0
0Ch
5.2V
-5.2V
14
0
1
1
0
1
0Dh
5.3V
-5.3V
15
0
1
1
1
0
0Eh
5.4V
-5.4V
16
0
1
1
1
1
0Fh
5.5V
-5.5V
17
1
0
0
0
0
10h
5.6V
-5.6V
18
1
0
0
0
1
11h
5.7V
-5.7V
I
2C BUS Control
I
2C INTERFACE
Data transmission from the main uP to MAP7102 and vice versa takes place through the I
2C bus interface,
consisting of the two lines SDA and SCL (pull-up resistors to a positive supply voltage must be externally
connected)
INTERFACE PROTOCOL
The interface protocol is composed of five commands below table.
Table 3. I
2C protocol commands
Command
Type
Description
State
START
Condition
A start condition
SCL=1, SDA 1 to 0
STOP
Condition
A stop condition
SCL=1, SDA 0 to 1
DEVICE ADDR + W/R
Byte
A device address and W/R
Write=0 / Read=1
ADDR
Byte
A Register address byte
-
DATA
Byte
A Data byte
-
The Register address byte determines the first register in which the read or write operation takes places.
When the read or write operation is finished, the register address is automatically incremented.
Table 4. I2C Packet format
START
7
6
5
4
3
2
1
0
ACK
7
6
5
4
3
2
1
0
ACK
7
6
5
4
3
2
1
0
ACK
STOP
DEVICE ADDRESS (7Bit)
R/W
REGISTER ADDRESS (8Bit)
DATA (Bit)
START AND STOP CONDITIONS
Both Data and Clock lines remain HIGH when the bus is not busy. As shown in below figure, a start
condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The stop condition is a LOW to
HIGH transition of the SDA line while SCL is HIGH. A STOP condition must be sent before each START
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com