Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244ME Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 7Page - STMicroelectronics ST6G3244ME Datasheet HTML 8Page - STMicroelectronics ST6G3244ME Datasheet HTML 9Page - STMicroelectronics ST6G3244ME Datasheet HTML 10Page - STMicroelectronics ST6G3244ME Datasheet HTML 11Page - STMicroelectronics ST6G3244ME Datasheet HTML 12Page - STMicroelectronics ST6G3244ME Datasheet HTML 13Page - STMicroelectronics ST6G3244ME Datasheet HTML 14Page - STMicroelectronics ST6G3244ME Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ST6G3244ME
DC and AC parameters
Doc ID 022157 Rev 2
11/27
4
DC and AC parameters
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCCA
Power supply
1.62
1.8
1.98
V
VBAT
Battery power supply
3.0
5.0
V
CBAT
External battery capacitance
Ceramic capacitor
1.0
2.2
2.8
µF
CVCCA
VCCA decoupling capacitor
Ceramic capacitor
0.1
µF
CVCCB
Internal supply voltage (VCCB)
decoupling capacitor
Ceramic capacitor
1.0
2.2
2.8
µF
TA
Ambient operating temperature
–40
25
85
°C
TJ
Junction operating temperature
–40
25
125
°C
PD
Maximum power dissipation
PD = (TJ - TA)/RTH(J-A)
625
mW
VIO_B
I/O voltage on external pins
(without WP and CD) - B-side
CMDB, CLKB, DAT0B, DAT1B, DAT2B,
DAT3B
0VCCB
V
VIO_A
I/O voltage on internal pins
(includes WP and CD) - A-side
EN, SEL, WP, CD, DAT123.dir, CMD.dir,
CMD.h, CLK.h, CLK-f, DAT0.dir, DAT0.h,
DAT1.h, DAT2.h, DAT3.h
0VCCA
V
Table 6.
Current levels under recommended operating conditions (TA = –40 °C to 85 °C)
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
IQ_OFF
Quiescent current consumption
ICCA_OFF
VEN = 0.4 V, VBAT = 3.4 V, VCCA = 1.98 V
*.dir, *B = 0 V, WP = CD = VCCA
All other pins floating
1µA
Quiescent current consumption
IBAT_OFF
1µA
IQ_ON
Quiescent current consumption
(Ground pin current)
IBAT + ICCA
*.dir = 0 V, VBAT = 3.4 V
VEN = VCCA = VCLK.h =
1.98 V
All other pins floating
IOUT = 100 µA
150(2)
µA
IOUT = 50 mA
250(2)
ICCA_ON Quiescent current on VCCA
VEN = VCCA = 1.92 V, VBAT = 3.4 V,
*.dir = VCCA, VIA = *.h = VCCA
310
µA
1.
Collective names for groups of pins:
*.dir = CMD.dir, DAT0.dir, DAT123.dir
*.h = CMD.h, CLK.h, DAT0.h, DAT1.h, DAT2.h, DAT3.h
*B = CMDB, CLKB, DAT0B, DAT1B, DAT2B, DAT3B
VIA = all A-side input pins.
2.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com