Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244ME Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 14Page - STMicroelectronics ST6G3244ME Datasheet HTML 15Page - STMicroelectronics ST6G3244ME Datasheet HTML 16Page - STMicroelectronics ST6G3244ME Datasheet HTML 17Page - STMicroelectronics ST6G3244ME Datasheet HTML 18Page - STMicroelectronics ST6G3244ME Datasheet HTML 19Page - STMicroelectronics ST6G3244ME Datasheet HTML 20Page - STMicroelectronics ST6G3244ME Datasheet HTML 21Page - STMicroelectronics ST6G3244ME Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Data transmission
ST6G3244ME
18/27
Doc ID 022157 Rev 2
6.4
Measurement of tSKEW.f (read mode) from rising edge CLK.h
Figure 9.
Example of measurement of tSKEW for read mode from rising edge CLK.h
DATx.h = DAT0.h, DAT1.h, DAT2.h, DAT3.h, CMD.h
DATxB = DAT0B, DAT1B, DAT2B, DAT3B, CMDB
15 pF
Delay
10 pF
SD Card
ST6G3244ME
CPU
CLK.h
CLK-f
DATx.dir = 0
B
x
T
A
D
h
.
x
T
A
D
CLKB
50 %
VCCA
0 V
DATx.h
50 %
VCCB
0 V
DATxB
50 %
VCCA
0 V
CLK.h
50 %
VCCB
0 V
CLKB
t P(CLK.h -> CLKB)
10 pF
tSKEW.f = [ t P(CLK.h -> CLKB) + t P(DATxB -> DATx.h)] – t P(CLK.h -> CLK-f)
50 %
VCCA
0 V
CLK-f
t P(CLK.h -> CLK-f)
t P(DATxB -> DATx.h)
AM04963v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com