Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244ME Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 19Page - STMicroelectronics ST6G3244ME Datasheet HTML 20Page - STMicroelectronics ST6G3244ME Datasheet HTML 21Page - STMicroelectronics ST6G3244ME Datasheet HTML 22Page - STMicroelectronics ST6G3244ME Datasheet HTML 23Page - STMicroelectronics ST6G3244ME Datasheet HTML 24Page - STMicroelectronics ST6G3244ME Datasheet HTML 25Page - STMicroelectronics ST6G3244ME Datasheet HTML 26Page - STMicroelectronics ST6G3244ME Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ST6G3244ME
Package mechanical data
Doc ID 022157 Rev 2
23/27
Figure 11.
Package outline for Flip Chip 25 (2 mm x 2 mm x 0.605 mm, 0.4 mm pitch)
Note:
The terminal A1 is on the top side of the package identified by a circular dot - typically
0.5 mm in diameter.
7499669_E(A)
Table 16.
Package mechanical data for Flip Chip 25 (2 mm x 2 mm x 0.605 mm,
0.4 mm pitch)
Symbol
Millimeters
Min.
Typ.
Max.
A
0.560
0.605
0.650
A1
0.180
0.205
0.230
A2
0.380
0.400
0.420
b
0.230
0.255
0.280
D
1.985
2.00
2.015
D1
1.59
1.60
1.61
E
1.985
2.00
2.015
E1
1.59
1.60
1.61
e
0.36
0.40
0.44
f
0.190
0.200
0.210
ccc
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com