Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244ME Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 12Page - STMicroelectronics ST6G3244ME Datasheet HTML 13Page - STMicroelectronics ST6G3244ME Datasheet HTML 14Page - STMicroelectronics ST6G3244ME Datasheet HTML 15Page - STMicroelectronics ST6G3244ME Datasheet HTML 16Page - STMicroelectronics ST6G3244ME Datasheet HTML 17Page - STMicroelectronics ST6G3244ME Datasheet HTML 18Page - STMicroelectronics ST6G3244ME Datasheet HTML 19Page - STMicroelectronics ST6G3244ME Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data transmission
ST6G3244ME
16/27
Doc ID 022157 Rev 2
6.1
Test circuit from host to SD Card
The test circuit from the host to the SD Card is shown in Figure 6. Timings are measured for
the whole line cell (translator + EMI + ESD) on an external load CSD = 15 pF (board
capacitance 5 pF + SD Card capacitance 10 pF).
Figure 6.
Test circuit from host to SD Card
6.2
Test circuit from SD Card to host
The test circuit from the SD Card to the host is shown in Figure 7. Timings are measured for
the whole line cell (translator + EMI + ESD) on an external load CHOST = 10 pF (board
capacitance + host capacitance).
Figure 7.
Test circuit from SD Card to host
tr_CLKF
Rise time for CLK feedback
See
Section 6.2
VCCB = 1.8 V
1.0
3
ns
VCCB = 2.9 V
1.0
3
tf_CLKF
Fall time for CLK feedback
See
Section 6.2
VCCB = 1.8 V
1.0
3
ns
VCCB = 2.9 V
1.0
3
fMAX
Clock rate
60
MHz
Data rate
120
Mbps
1.
The time after the .dir signal transition that the device needs to switch direction, after that it is ready to accept valid data on
the switched input.
Table 12.
AC characteristics (TA = –40 °C to 85 °C) (continued)
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
HOST
SD Card
CSD = 15 pF
AM04960v2
HOST
SD Card
CHOST = 10 pF
AM04961v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com