Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244ME Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 15Page - STMicroelectronics ST6G3244ME Datasheet HTML 16Page - STMicroelectronics ST6G3244ME Datasheet HTML 17Page - STMicroelectronics ST6G3244ME Datasheet HTML 18Page - STMicroelectronics ST6G3244ME Datasheet HTML 19Page - STMicroelectronics ST6G3244ME Datasheet HTML 20Page - STMicroelectronics ST6G3244ME Datasheet HTML 21Page - STMicroelectronics ST6G3244ME Datasheet HTML 22Page - STMicroelectronics ST6G3244ME Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
ST6G3244ME
Low drop-out voltage regulator
Doc ID 022157 Rev 2
19/27
7
Low drop-out voltage regulator
Figure 10.
Low drop-out voltage regulator
Baseband
ASIC
V
BAT
V
CCA
V
CCB_OUT
R, C
V
BAT
Level
translator
15 kV
ST6G3244ME – LDO
+
-
REN
500 kΩ
C
BAT
CVCCA
V
CCA
V
CCB
GND
C
VCCB
VEN EN
R
PD
130 Ω
RSEL 500 kΩ
SEL
VSEL
2 kV
2 kV
2 kV
V
CCB
UVLO
Logic
TSD
A
AM04964v2
Table 13.
VCCB selection (B-side power supply voltage), EN pin control
EN
SEL
VCCB
(1) (V)
0x
0(2)
10
2.9
11
1.8
1.
VCCB is an internal B-side I/O power supply, tied to the VCCB_OUT pin for external decoupling capacitor. VCCB supply
voltage can also be used externally.
2.
Pulled down to GND by RPD. When VCCB = 0 V, no additional leakage is seen on VCCA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com